전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP3415 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP3415
상세설명  Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP3415 데이터시트(HTML) 2 Page - International Rectifier

  IRFP3415 Datasheet HTML 1Page - International Rectifier IRFP3415 Datasheet HTML 2Page - International Rectifier IRFP3415 Datasheet HTML 3Page - International Rectifier IRFP3415 Datasheet HTML 4Page - International Rectifier IRFP3415 Datasheet HTML 5Page - International Rectifier IRFP3415 Datasheet HTML 6Page - International Rectifier IRFP3415 Datasheet HTML 7Page - International Rectifier IRFP3415 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP3415
2
www.irf.com
Parameter
Min. Typ. Max.
Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 22A, VGS = 0V
„
trr
Reverse Recovery Time
–––
260
390
ns
TJ = 25°C, IF = 22A
Qrr
Reverse RecoveryCharge
–––
2.2
3.3
µC
di/dt = 100A/µs
„
Source-Drain Ratings and Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
150
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.17
–––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.042
VGS = 10V, ID = 22A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
19
–––
–––
SVDS = 50V, ID = 22A
–––
–––
25
µA
VDS = 150V, VGS = 0V
–––
–––
250
VDS = 120V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
200
ID = 22A
Qgs
Gate-to-Source Charge
–––
–––
17
nC
VDS = 120V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
98
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
12
–––
VDD = 75V
tr
Rise Time
–––
55
–––
ID = 22A
td(off)
Turn-Off Delay Time
–––
71
–––
RG = 2.5Ω
tf
Fall Time
–––
69
–––
RD = 3.3Ω, See Fig. 10
„
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
2400
–––
VGS = 0V
Coss
Output Capacitance
–––
640
–––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
340
–––
ƒ = 1.0MHz, See Fig. 5
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
InternalDrainInductance
LS
Internal Source Inductance
–––
–––
S
D
G
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 22A, di/dt ≤ 820A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ V
DD = 25V, starting TJ = 25°C, L = 2.4mH
RG = 25Ω, IAS = 22A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
43
150
A


유사한 부품 번호 - IRFP3415

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP3415 ISC-IRFP3415 Datasheet
333Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP3415PBF IRF-IRFP3415PBF Datasheet
166Kb / 9P
   HEXFET짰 Power MOSFET
IRFP3415PBF IRF-IRFP3415PBF Datasheet
167Kb / 9P
   Advanced Process Technology
IRFP3415PBF IRF-IRFP3415PBF_15 Datasheet
167Kb / 9P
   Advanced Process Technology
More results

유사한 설명 - IRFP3415

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF3415 IRF-IRF3415 Datasheet
94Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF3415S IRF-IRF3415S Datasheet
156Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.042ohm, Id=43A)
IRF5N3415 IRF-IRF5N3415 Datasheet
117Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=150V, Rds(on)=0.042ohm, Id=37.5A)
IRFIZ34E IRF-IRFIZ34E Datasheet
114Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.042ohm, Id=21A)
IRF3315S IRF-IRF3315S Datasheet
197Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)=0.082ohm, Id=21A)
IRFPS3815 IRF-IRFPS3815 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.015ohm, Id=105A)
IRFRU6215 IRF-IRFRU6215 Datasheet
141Kb / 10P
   Power MOSFET(Vdss=-150V, Rds(on)=0.295ohm, Id=-13A)
IRF3315 IRF-IRF3315 Datasheet
124Kb / 8P
   Power MOSFET(Vdss=150V, Rds(on)=0.07ohm, Id=27A)
IRF3515S IRF-IRF3515S Datasheet
126Kb / 10P
   Power MOSFET(Vdss=150V, Rds(on)max=0.045ohm, Id=41A)
IRFB23N15D IRF-IRFB23N15D Datasheet
139Kb / 11P
   Power MOSFET(Vdss=150V, Rds(on)max=0.090ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com