전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP350LC 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFP350LC
상세설명  Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP350LC 데이터시트(HTML) 5 Page - International Rectifier

  IRFP350LC Datasheet HTML 1Page - International Rectifier IRFP350LC Datasheet HTML 2Page - International Rectifier IRFP350LC Datasheet HTML 3Page - International Rectifier IRFP350LC Datasheet HTML 4Page - International Rectifier IRFP350LC Datasheet HTML 5Page - International Rectifier IRFP350LC Datasheet HTML 6Page - International Rectifier IRFP350LC Datasheet HTML 7Page - International Rectifier IRFP350LC Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFP350LC
Fig 10a. Switching Time Test Circuit
VDS
10 V
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
Fig 9. Maximum Drain Current Vs.
Case Temperature
Fig 10b. Switching Time Waveforms
RD
VGS
VDD
RG
D.U.T.
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
0
4
8
12
16
25
50
75
100
125
150
C
T , Case Temperature (°C)
A
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , Rectangular Pulse Duration (sec)
1
D = 0.50
0.01
0.02
0.05
0.10
0.20
SINGLE PULSE
(THERMAL RESPONSE)
A
P
t
2
1
t
DM
N o te s :
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
D M
th J C
C
To Order
Next Data Sheet
Index
Previous Datasheet


유사한 부품 번호 - IRFP350LC

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
logo
Inchange Semiconductor ...
IRFP350LC ISC-IRFP350LC Datasheet
409Kb / 2P
   isc N-Channel MOSFET ransistor
logo
Vishay Siliconix
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 11P
   Power MOSFET
09-Jul-2021
IRFP350LC VISHAY-IRFP350LC Datasheet
1Mb / 11P
   Power MOSFET
01-Jan-2022
IRFP350LCPBF VISHAY-IRFP350LCPBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 16-Jun-08
More results

유사한 설명 - IRFP350LC

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP350 IRF-IRFP350 Datasheet
161Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.30ohm, Id=16A)
IRFI9530G IRF-IRFI9530G Datasheet
174Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=0.30ohm, Id=-7.7A)
IRF630N IRF-IRF630N Datasheet
155Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)=0.30ohm, Id=9.3A)
IRC740 IRF-IRC740 Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=10A)
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
IRFI740GLC IRF-IRFI740GLC Datasheet
221Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.7A)
IRFI720G IRF-IRFI720G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=2.6A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFP360 IRF-IRFP360 Datasheet
164Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.20ohm, Id=23A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com