전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP354 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFP354
상세설명  Power MOSFET(Vdss=450V, Rds(on)=0.35ohm, Id=14A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP354 데이터시트(HTML) 5 Page - International Rectifier

  IRFP354 Datasheet HTML 1Page - International Rectifier IRFP354 Datasheet HTML 2Page - International Rectifier IRFP354 Datasheet HTML 3Page - International Rectifier IRFP354 Datasheet HTML 4Page - International Rectifier IRFP354 Datasheet HTML 5Page - International Rectifier IRFP354 Datasheet HTML 6Page - International Rectifier IRFP354 Datasheet HTML 7Page - International Rectifier IRFP354 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image


유사한 부품 번호 - IRFP354

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP354PBF IRF-IRFP354PBF Datasheet
1Mb / 8P
   HEXFET짰PowerMOSFET
More results

유사한 설명 - IRFP354

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP344 IRF-IRFP344 Datasheet
202Kb / 8P
   Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=9.5A)
IRF644 IRF-IRF644 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=14A)
IRFI744G IRF-IRFI744G Datasheet
261Kb / 8P
   Power MOSFET(Vdss=450V, Rds(on)=0.63ohm, Id=4.9A)
IRFIZ24N IRF-IRFIZ24N Datasheet
105Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.07ohm, Id=14A)
IRF9530NS IRF-IRF9530NS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFI734G IRF-IRFI734G Datasheet
241Kb / 8P
   Power MOSFET(Vdss=450V, Rds(on)=1.2ohm, Id=3.4A)
IRC503 IRF-IRC503 Datasheet
226Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.16ohm, Id=14A)
IRF9530N IRF-IRF9530N Datasheet
113Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.20ohm, Id=-14A)
IRFIZ24V IRF-IRFIZ24V Datasheet
83Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.060ohm, Id=14A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com