전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP440 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFP440
상세설명  Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.8A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP440 데이터시트(HTML) 5 Page - International Rectifier

  IRFP440 Datasheet HTML 1Page - International Rectifier IRFP440 Datasheet HTML 2Page - International Rectifier IRFP440 Datasheet HTML 3Page - International Rectifier IRFP440 Datasheet HTML 4Page - International Rectifier IRFP440 Datasheet HTML 5Page - International Rectifier IRFP440 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


유사한 부품 번호 - IRFP440

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
IRFP440 INTERSIL-IRFP440 Datasheet
56Kb / 7P
   8.8A, 500V, 0.850 Ohm, N-Channel Power MOSFET
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
1Mb / 8P
   Power MOSFET
S-81360-Rev. A, 28-Jul-08
logo
New Jersey Semi-Conduct...
IRFP440 NJSEMI-IRFP440 Datasheet
619Kb / 2P
   Dynamic dv/dt Rating
logo
Vishay Siliconix
IRFP440 VISHAY-IRFP440 Datasheet
836Kb / 11P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRFP440A ISC-IRFP440A Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - IRFP440

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF840 IRF-IRF840 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840S IRF-IRF840S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRFI840G IRF-IRFI840G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.6A)
IRFI840GLC IRF-IRFI840GLC Datasheet
225Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=4.5A)
IRF840LCS IRF-IRF840LCS Datasheet
173Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRC840 IRF-IRC840 Datasheet
220Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRF840AS IRF-IRF840AS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFR9024 IRF-IRFR9024 Datasheet
173Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.28ohm, Id=-8.8A)
IRF440 IRF-IRF440 Datasheet
142Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com