전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP4710 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFP4710
상세설명  Power MOSFET(Vdss=100V, Rds(on)max=0.014ohm, Id=72A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP4710 데이터시트(HTML) 8 Page - International Rectifier

  IRFP4710 Datasheet HTML 1Page - International Rectifier IRFP4710 Datasheet HTML 2Page - International Rectifier IRFP4710 Datasheet HTML 3Page - International Rectifier IRFP4710 Datasheet HTML 4Page - International Rectifier IRFP4710 Datasheet HTML 5Page - International Rectifier IRFP4710 Datasheet HTML 6Page - International Rectifier IRFP4710 Datasheet HTML 7Page - International Rectifier IRFP4710 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFP4710
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 01/02
TO-247AC Part Marking Information
TO-247AC Package Outline
Dimensions are shown in millimeters (inches)
LE AD ASSIG NMENTS
NO TE S:
- D -
5 .30 (.20 9)
4 .70 (.18 5)
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.031)
0.40 (.016)
2.60 (.10 2)
2.20 (.08 7)
3.40 ( .133)
3.00 ( .118)
3X
0.2 5 (.01 0)
M
CA S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 ( .2 1 7)
4.50 ( .1 7 7)
5 .50 (.21 7)
0.25 (.010)
1.40 (.056)
1.00 (.039)
3.6 5 (.14 3)
3.5 5 (.14 0)
D
MM
B
- A -
15.9 0 (.626)
15.3 0 (.602)
- B -
12
3
2 0 .30 (.80 0)
1 9 .70 (.77 5)
14.80 (.583)
14.20 (.559)
2.40 (.094)
2.00 (.079)
2X
2X
5.45 (.2 1 5)
1 DIM ENSIONING & TO LERANCING
P ER A N SI Y14.5M , 1982.
2 CONTROLLING DIM ENSIO N : IN CH .
3 CONF OR M S TO JEDEC OU TLIN E
TO-247-A C .
1 - G ATE
2 - DR A IN
3 - SO URCE
4 - DR A IN
PART NUMBER
LOGO
RECTIFIER
INTERNATIONAL
ASSEMBLY
LOT CODE
LINE H
WEEK 35
YEAR 0 = 2000
DATE CODE
WITH ASSEMBLY
LOT CODE 5657
ASSEMBLED ON WW 35, 2000
IN THE ASSEMBLY LINE "H"
IRFPE30
56
57
035H
EXAMPLE:
THIS IS AN IRFPE30
 Repetitive rating; pulse width limited by
max. junction temperature.
‚ Starting T
J = 25°C, L = 190µH
RG = 25Ω, IAS = 45A, VGS = 10V.
ƒ ISD ≤ 45A, di/dt ≤ 420A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C .
Notes:
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging
time as Coss while VDS is rising from 0 to 80% VDSS .


유사한 부품 번호 - IRFP4710

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP4710 ISC-IRFP4710 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP4710PBF IRF-IRFP4710PBF Datasheet
183Kb / 9P
   HEXFETPower MOSFET
IRFP4710PBF IRF-IRFP4710PBF Datasheet
183Kb / 9P
   High frequency DC-DC converters
IRFP4710PBF IRF-IRFP4710PBF_15 Datasheet
183Kb / 9P
   High frequency DC-DC converters
More results

유사한 설명 - IRFP4710

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB4710 IRF-IRFB4710 Datasheet
245Kb / 11P
   Power MOSFET(Vdss=100v, Rds(on)max=0.014ohm, Id=75A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRF7452 IRF-IRF7452 Datasheet
104Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)max=0.060ohm, Id=4.5A)
IRFB59N10D IRF-IRFB59N10D Datasheet
138Kb / 11P
   Power MOSFET(Vdss=100V, Rds(on)max=0.025ohm, Id=59A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com