전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP90N20D 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFP90N20D
상세설명  Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP90N20D 데이터시트(HTML) 2 Page - International Rectifier

  IRFP90N20D Datasheet HTML 1Page - International Rectifier IRFP90N20D Datasheet HTML 2Page - International Rectifier IRFP90N20D Datasheet HTML 3Page - International Rectifier IRFP90N20D Datasheet HTML 4Page - International Rectifier IRFP90N20D Datasheet HTML 5Page - International Rectifier IRFP90N20D Datasheet HTML 6Page - International Rectifier IRFP90N20D Datasheet HTML 7Page - International Rectifier IRFP90N20D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP90N20D
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
39
–––
–––
SVDS = 50V, ID = 56A
Qg
Total Gate Charge
–––
180
270
ID = 56A
Qgs
Gate-to-Source Charge
–––
45
67
nC
VDS = 160V
Qgd
Gate-to-Drain ("Miller") Charge
–––
87
130
VGS = 10V,
„
td(on)
Turn-On Delay Time
–––
23
–––
VDD = 100V
tr
Rise Time
–––
160
–––
ID = 56A
td(off)
Turn-Off Delay Time
–––
43
–––
RG = 1.2Ω
tf
Fall Time
–––
79
–––
VGS = 10V
„
Ciss
Input Capacitance
–––
6040 –––
VGS = 0V
Coss
Output Capacitance
–––
1070 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
170
–––
pF
ƒ = 1.0MHz
Coss
Output Capacitance
–––
8350 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
420
–––
VGS = 0V, VDS = 160V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
870
–––
VGS = 0V, VDS = 0V to 160V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
1010
mJ
IAR
Avalanche Current

–––
56
A
EAR
Repetitive Avalanche Energy

–––
58
mJ
Avalanche Characteristics
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.5
V
TJ = 25°C, IS = 56A, VGS = 0V
„
trr
Reverse Recovery Time
–––
230
340
ns
TJ = 25°C, IF = 56A
Qrr
Reverse RecoveryCharge
–––
1.9
2.8
µC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Diode Characteristics
94
o
380
A
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
200
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.24 –––
V/°C
Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.023
VGS = 10V, ID = 56A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
25
µA
VDS = 200V, VGS = 0V
–––
–––
250
VDS = 160V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
IGSS
IDSS
Drain-to-Source Leakage Current


유사한 부품 번호 - IRFP90N20D

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP90N20D ISC-IRFP90N20D Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
169Kb / 8P
   SMPS MOSFET
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
178Kb / 9P
   High frequency DC-DC converters
IRFP90N20DPBF IRF-IRFP90N20DPBF_15 Datasheet
178Kb / 9P
   High frequency DC-DC converters
More results

유사한 설명 - IRFP90N20D

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFZ44ES IRF-IRFZ44ES Datasheet
163Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
IRFZ44E IRF-IRFZ44E Datasheet
96Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com