전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFP90N20D 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFP90N20D
상세설명  Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=94A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFP90N20D 데이터시트(HTML) 1 Page - International Rectifier

  IRFP90N20D Datasheet HTML 1Page - International Rectifier IRFP90N20D Datasheet HTML 2Page - International Rectifier IRFP90N20D Datasheet HTML 3Page - International Rectifier IRFP90N20D Datasheet HTML 4Page - International Rectifier IRFP90N20D Datasheet HTML 5Page - International Rectifier IRFP90N20D Datasheet HTML 6Page - International Rectifier IRFP90N20D Datasheet HTML 7Page - International Rectifier IRFP90N20D Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Notes
 through o are on page 8
www.irf.com
1
09/27/01
IRFP90N20D
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
200V
0.023
94Ao
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
94
o
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
66
A
IDM
Pulsed Drain Current

380
PD @TC = 25°C
Power Dissipation
580
W
Linear Derating Factor
3.8
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
6.7
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
TO-247AC
PD - 94301A
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.26
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40


유사한 부품 번호 - IRFP90N20D

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRFP90N20D ISC-IRFP90N20D Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
169Kb / 8P
   SMPS MOSFET
IRFP90N20DPBF IRF-IRFP90N20DPBF Datasheet
178Kb / 9P
   High frequency DC-DC converters
IRFP90N20DPBF IRF-IRFP90N20DPBF_15 Datasheet
178Kb / 9P
   High frequency DC-DC converters
More results

유사한 설명 - IRFP90N20D

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBA90N20D IRF-IRFBA90N20D Datasheet
98Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.023ohm, Id=98A??
IRFZ44ES IRF-IRFZ44ES Datasheet
163Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
IRFZ44E IRF-IRFZ44E Datasheet
96Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.023ohm, Id=48A)
IRF5801 IRF-IRF5801 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=2.2ohm, Id=0.6A)
IRFB38N20D IRF-IRFB38N20D Datasheet
133Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.054ohm, Id=44A)
IRFR13N20D IRF-IRFR13N20D Datasheet
181Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.235ohm, Id=13A)
IRFB42N20D IRF-IRFB42N20D Datasheet
215Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.055ohm, Id=44A)
IRFB31N20D IRF-IRFB31N20D Datasheet
190Kb / 11P
   Power MOSFET(Vdss=200V, Rds(on)max=0.082ohm, Id=31A)
IRF7464 IRF-IRF7464 Datasheet
168Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)max=0.73ohm, Id=1.2A)
IRFR9N20D IRF-IRFR9N20D Datasheet
126Kb / 10P
   Power MOSFET(Vdss=200V, Rds(on)max=0.38ohm, Id=9.4A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com