전자부품 데이터시트 검색엔진 |
|
IRFP9140N 데이터시트(PDF) 2 Page - International Rectifier |
|
IRFP9140N 데이터시트(HTML) 2 Page - International Rectifier |
2 / 8 page IRFP9140N Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode)
––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– -1.3 V TJ = 25°C, IS = -13A, VGS = 0V trr Reverse Recovery Time ––– 150 220 ns TJ = 25°C, IF = -11A Qrr Reverse RecoveryCharge ––– 830 1200 µC di/dt = -100A/µs ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage -100 ––– ––– V VGS = 0V, ID = -250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– -0.11 ––– V/°C Reference to 25°C, ID = -1mA RDS(on) Static Drain-to-Source On-Resistance ––– ––– 0.117 Ω VGS = -10V, ID = -13A VGS(th) Gate Threshold Voltage -2.0 ––– -4.0 V VDS = VGS, ID = -250µA gfs Forward Transconductance 5.3 ––– ––– S VDS = -50V, ID = 11A ––– ––– -25 µA VDS = -100V, VGS = 0V ––– ––– -250 VDS = -80V, VGS = 0V, TJ = 150°C Gate-to-Source Forward Leakage ––– ––– 100 VGS = 20V Gate-to-Source Reverse Leakage ––– ––– -100 nA VGS = -20V Qg Total Gate Charge ––– ––– 97 ID = -11A Qgs Gate-to-Source Charge ––– ––– 15 nC VDS = -80V Qgd Gate-to-Drain ("Miller") Charge ––– ––– 51 VGS = -10V, See Fig. 6 and 13
td(on) Turn-On Delay Time ––– 15 ––– VDD = -50V tr Rise Time ––– 67 ––– ID = -11A td(off) Turn-Off Delay Time ––– 51 ––– RG = 5.1Ω tf Fall Time ––– 51 ––– RD = 4.2Ω, See Fig. 10
Between lead, ––– ––– 6mm (0.25in.) from package and center of die contact Ciss Input Capacitance ––– 1300 ––– VGS = 0V Coss Output Capacitance ––– 400 ––– pF VDS = -25V Crss Reverse Transfer Capacitance ––– 240 ––– ƒ = 1.0MHz, See Fig. 5 nH Electrical Characteristics @ TJ = 25°C (unless otherwise specified) LD Internal Drain Inductance LS Internal Source Inductance ––– ––– IGSS ns 5.0 IDSS Drain-to-Source Leakage Current 13 Starting TJ = 25°C, L = 7.1mH RG = 25Ω, IAS = -11A. (See Figure 12) Repetitive rating; pulse width limited by max. junction temperature. ( See fig. 11 ) Notes: I SD ≤ -11A, di/dt ≤ -470A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C Pulse width ≤ 300µs; duty cycle ≤ 2%.
Uses IRF9540N data and test conditions Source-Drain Ratings and Characteristics A -23 -76 S D G S D G |
유사한 부품 번호 - IRFP9140N |
|
유사한 설명 - IRFP9140N |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |