전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA16-600BW 데이터시트(PDF) 4 Page - Kersemi Electronic Co., Ltd.

부품명 BTA16-600BW
상세설명  16 A Snubberless, logic level and standard Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KERSEMI [Kersemi Electronic Co., Ltd.]
홈페이지  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

BTA16-600BW 데이터시트(HTML) 4 Page - Kersemi Electronic Co., Ltd.

  BTA16-600BW Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. BTA16-600BW Datasheet HTML 6Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Figure 1.
Maximum power dissipation versus
on-state rms current (full cycle)
Figure 2.
On-state rms current versus case
temperature (full cycle)
02468
10
12
14
16
0
2
4
6
8
10
12
14
16
18
20
P(W)
I
(A)
T(RMS)
0
25
50
75
100
125
0
2
4
6
8
10
12
14
16
18
I
(A)
T(RMS)
T (°C)
C
BTA
BTB / T16
Figure 3.
On-state rms current versus
ambient temperature (full cycle)
Figure 4.
Relative variation of thermal
impedance versus pulse duration
0
25
50
75
100
125
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
I
(A)
T(RMS)
T (°C)
C
DPAK
(S=1cm )
2
2
printed circuit board FR4, copper thickness: 35 µm
1E-3
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
1E-2
1E-1
1E+0
K=[Z /R
th
th]
t (s)
p
Zth(j-c)
Zth(j-a)
Figure 5.
On-state characteristics
(maximum values)
Figure 6.
Surge peak on-state current versus
number of cycles
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
200
I
(A)
TM
V
(V)
TM
T max.
V = 0.85V
R = 25 m
j
to
d
Ω
T=
j
T max.
j
T = 25°C
j
.
1
10
100
1000
0
20
40
60
80
100
120
140
160
180
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =85°C
C
BTA16, BTB16
T1610, T1635
2014-6-9
4
www.kersemi.com


유사한 부품 번호 - BTA16-600BW

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BTA16-600BW ISC-BTA16-600BW Datasheet
107Kb / 1P
   With TO-220AB insulated package
logo
STMicroelectronics
BTA16-600BW STMICROELECTRONICS-BTA16-600BW Datasheet
217Kb / 18P
   Snubberless™, logic level and standard 16 A Triacs
DS2114 - Rev 11 - May 2018
logo
HAOPIN MICROELECTRONICS...
BTA16-600BW HAOPIN-BTA16-600BW Datasheet
442Kb / 5P
   Three quadrant triacs
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
logo
STMicroelectronics
BTA16-600BWRG STMICROELECTRONICS-BTA16-600BWRG Datasheet
99Kb / 9P
   16A TRIACS
More results

유사한 설명 - BTA16-600BW

제조업체부품명데이터시트상세설명
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-600B KERSEMI-BTA16-600B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
logo
STMicroelectronics
T1635-700G-TR STMICROELECTRONICS-T1635-700G-TR Datasheet
114Kb / 10P
   16 A Snubberless?? logic level and standard Triacs
logo
Kersemi Electronic Co.,...
BTA16-800BW KERSEMI-BTA16-800BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700CW KERSEMI-BTB16-700CW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-600BW KERSEMI-BTB16-600BW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTB16-700C KERSEMI-BTB16-700C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800C KERSEMI-BTA16-800C Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-800SW KERSEMI-BTA16-800SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com