전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

I5062-ZD 데이터시트(PDF) 3 Page - Taiwan Memory Technology

부품명 I5062-ZD
상세설명  USB Flash Disk Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TMT [Taiwan Memory Technology]
홈페이지  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

I5062-ZD 데이터시트(HTML) 3 Page - Taiwan Memory Technology

  I5062-ZD Datasheet HTML 1Page - Taiwan Memory Technology I5062-ZD Datasheet HTML 2Page - Taiwan Memory Technology I5062-ZD Datasheet HTML 3Page - Taiwan Memory Technology I5062-ZD Datasheet HTML 4Page - Taiwan Memory Technology I5062-ZD Datasheet HTML 5Page - Taiwan Memory Technology I5062-ZD Datasheet HTML 6Page - Taiwan Memory Technology I5062-ZD Datasheet HTML 7Page - Taiwan Memory Technology I5062-ZD Datasheet HTML 8Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
i5062-ZD
Release date: 08/25/2005
© 2005 iCreate Technologies Corporation
Page 1
This document contains preliminary information on product but not yet fully characterized.
iCreate Technologies Corporation reserves the right to change the specification in any manner without notice.
Create
1. Introduction
General description
i5062-ZD is a single-chip USB flash disk
controller which can handle up to four NAND-
type flash memory chips. It is compatible with
USB 1.1 and also compliant with USB 2.0. The
features of USB-boot-up and driver-less make
the flash disk very convenient for end-users.
i5062-ZD is designed with iCreate flash
interface technology to provide wear-leveling
and on-the-fly error-correction coding, which
enhance the life time of the disk. The flexibility
of the interface design also ensures supporting
to AND flash by firmware change and MLC
NAND flash in the protocol level.
For
data security,
i5062-ZD
supports
multi-level protection mechanism. In the non-
protection level, data in the disk is fully
accessible. In low protection level, disk is read-
only to protect from virus and accidental file
removal. In high protection level, the disk data
cannot be accessed.
User-programmable device name based
on USB Mass Storage protocol (SCSI) is also
provided. The end-users can change the
device name that appears in Windows.
Features
System Function
USB 1.1 compatible and USB 2.0 compliant
USB-ZIP/USB-HDD boot-up
Support multi-disk
Multi-level security protection
Support Read-only privilege
Compatible with Windows 98/Me/2K/XP,
MacOS 9+, and Linux kernel 2.4+
Configurable Removable or Fixed drive type
under Windows
Support unique serial number for each disk
Configurable USB vendor/product ID
Support customized disk ID by end-user
Read speed > 1000K byte/s
Write speed > 800K byte/s
Write protect switch
Ready/busy LED
Flash Control
Support 128Mb to 8Gb NAND-type flash,
AND flash is supported with i5068-Z.
Connect up to four flash chips
Wear-leveling extends product life time
Defect block concealment and dynamic
defect block handling
On-the-fly ECC enhances reliability
Chip Hardware
On-chip voltage detector for power-on-reset
Single 3.3V voltage supply
6MHz external clock for low EMI
32 pin TSOP Type I package


유사한 부품 번호 - I5062-ZD

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
More results

유사한 설명 - I5062-ZD

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
I5062-ZD ETC1-I5062-ZD Datasheet
129Kb / 8P
   USB Flash Disk Controller
AU9384 ETC-AU9384 Datasheet
461Kb / 24P
   USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5068-Z TMT-I5068-Z Datasheet
132Kb / 8P
   USB Flash Disk Controller
logo
List of Unclassifed Man...
I5068-Z ETC2-I5068-Z Datasheet
124Kb / 7P
   USB Flash Disk Controller
AU9386 ETC2-AU9386 Datasheet
156Kb / 17P
   USB Flash Disk Controller
MW6208 ETC-MW6208 Datasheet
401Kb / 18P
   USB 2.0 FLASH DISK CONTROLLER
Revision 1.0 May 2007
PL-2315 ETC-PL-2315 Datasheet
72Kb / 1P
   USB Portable Flash Disk Controller
PL-2515 ETC1-PL-2515 Datasheet
31Kb / 1P
   Hi-Speed USB Flash Disk Controller
logo
Taiwan Memory Technolog...
I5128-L TMT-I5128-L Datasheet
379Kb / 9P
   High-Speed USB Flash Disk Controller
I5127-L TMT-I5127-L Datasheet
98Kb / 9P
   High-Speed USB Flash Disk Controller
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com