전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPE30 데이터시트(PDF) 4 Page - International Rectifier

부품명 IRFPE30
상세설명  Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPE30 데이터시트(HTML) 4 Page - International Rectifier

  IRFPE30 Datasheet HTML 1Page - International Rectifier IRFPE30 Datasheet HTML 2Page - International Rectifier IRFPE30 Datasheet HTML 3Page - International Rectifier IRFPE30 Datasheet HTML 4Page - International Rectifier IRFPE30 Datasheet HTML 5Page - International Rectifier IRFPE30 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


유사한 부품 번호 - IRFPE30

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPE30 IRF-IRFPE30 Datasheet
385Kb / 10P
   WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
IRFPE30 VISHAY-IRFPE30 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 17-Jun-08
logo
International Rectifier
IRFPE30PBF IRF-IRFPE30PBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFPE30PBF VISHAY-IRFPE30PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 17-Jun-08
More results

유사한 설명 - IRFPE30

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFIBE30G IRF-IRFIBE30G Datasheet
142Kb / 5P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=2.1A)
IFRI820G IRF-IFRI820G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.1A)
IRF820S IRF-IRF820S Datasheet
172Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
IRF9610S IRF-IRF9610S Datasheet
163Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.8A)
IRFD9210 IRF-IRFD9210 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-0.40A)
IRFR9210 IRF-IRFR9210 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-200V, Rds(on)=3.0ohm, Id=-1.9A)
IRFRU9214 IRF-IRFRU9214 Datasheet
107Kb / 10P
   Power MOSFET(Vdss=-250V, Rds(on)=3.0ohm, Id=-2.7A)
IRFI620G IRF-IRFI620G Datasheet
173Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=4.1A)
IRFI9634G IRF-IRFI9634G Datasheet
120Kb / 8P
   Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com