전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPE40 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRFPE40
상세설명  Power MOSFET(Vdss=800V, Rds(on)=2.0ohm, Id=5.4A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPE40 데이터시트(HTML) 3 Page - International Rectifier

  IRFPE40 Datasheet HTML 1Page - International Rectifier IRFPE40 Datasheet HTML 2Page - International Rectifier IRFPE40 Datasheet HTML 3Page - International Rectifier IRFPE40 Datasheet HTML 4Page - International Rectifier IRFPE40 Datasheet HTML 5Page - International Rectifier IRFPE40 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


유사한 부품 번호 - IRFPE40

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFPE40 VISHAY-IRFPE40 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
logo
Inchange Semiconductor ...
IRFPE40 ISC-IRFPE40 Datasheet
272Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFPE40 VISHAY-IRFPE40 Datasheet
835Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFPE40PBF IRF-IRFPE40PBF Datasheet
885Kb / 8P
   Power MOSFET
logo
Vishay Siliconix
IRFPE40PBF VISHAY-IRFPE40PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 07-Jul-08
More results

유사한 설명 - IRFPE40

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFI614G IRF-IRFI614G Datasheet
173Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.1A)
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
IRFD214 IRF-IRFD214 Datasheet
497Kb / 8P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.45A)
IRFL214 IRF-IRFL214 Datasheet
174Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=0.79A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
   Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFI740G IRF-IRFI740G Datasheet
169Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=5.4A)
IRFBE30 IRF-IRFBE30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
IRFIBE20G IRF-IRFIBE20G Datasheet
168Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.4A)
IRFBE20 IRF-IRFBE20 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=6.5ohm, Id=1.8A)
IRFPE30 IRF-IRFPE30 Datasheet
165Kb / 6P
   Power MOSFET(Vdss=800V, Rds(on)=3.0ohm, Id=4.1A)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com