전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPG30 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRFPG30
상세설명  Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPG30 데이터시트(HTML) 5 Page - International Rectifier

  IRFPG30 Datasheet HTML 1Page - International Rectifier IRFPG30 Datasheet HTML 2Page - International Rectifier IRFPG30 Datasheet HTML 3Page - International Rectifier IRFPG30 Datasheet HTML 4Page - International Rectifier IRFPG30 Datasheet HTML 5Page - International Rectifier IRFPG30 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image


유사한 부품 번호 - IRFPG30

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFPG30 VISHAY-IRFPG30 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
IRFPG30 VISHAY-IRFPG30 Datasheet
993Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFPG30PBF IRF-IRFPG30PBF Datasheet
1Mb / 8P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFPG30PBF VISHAY-IRFPG30PBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 21-Jul-08
IRFPG30PBF VISHAY-IRFPG30PBF Datasheet
993Kb / 11P
   Power MOSFET
01-Jan-2022
More results

유사한 설명 - IRFPG30

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFBG30 IRF-IRFBG30 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=5.0ohm, Id=3.1A)
IRFI830G IRF-IRFI830G Datasheet
170Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=1.5ohm, Id=3.1A)
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
IRFR320 IRF-IRFR320 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A)
IRFPG50 IRF-IRFPG50 Datasheet
211Kb / 8P
   Power MOSFET(Vdss=1000V, Rds(on)=2.0ohm, Id=6.1A)
IRFPG40 IRF-IRFPG40 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=3.5ohm, Id=4.3A)
IRFBG20 IRF-IRFBG20 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=1000V, Rds(on)=11ohm, Id=1.4A)
IRFPG40PBF IRF-IRFPG40PBF Datasheet
866Kb / 8P
   HEXFET POWER MOSFET ( VDSS = 1000V , RDS(on) = 3.5廓 , ID = 4.3A )
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRL3102S IRF-IRL3102S Datasheet
90Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)=0.013w, Id=61A)
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com