전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N0400P-ZK-E2-AYNote 데이터시트(PDF) 6 Page - Renesas Technology Corp

부품명 N0400P-ZK-E2-AYNote
상세설명  MOS FIELD EFFECT TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

N0400P-ZK-E2-AYNote 데이터시트(HTML) 6 Page - Renesas Technology Corp

  N0400P-ZK-E2-AYNote Datasheet HTML 1Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 2Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 3Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 4Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 5Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 6Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 7Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 8Page - Renesas Technology Corp N0400P-ZK-E2-AYNote Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
N0400P
Chapter Title
R07DS0500EJ0200 Rev.2.00
Page 6 of 7
Aug 19, 2011
SINGLE AVALANCHE CURRENT vs.
INDUCTIVE LOAD
SINGLE AVALANCHE ENERGY
DERATING FACTOR
-1
-10
-100
Starting Tch = 25
°C
VDD =
−20 V
RG = 25
Ω
VGS =
−12 → 0 V
EAS = 25 mJ
IAS =
−16 A
L - Inductive Load - H
0
20
40
60
80
100
120
25
50
75
100
125
150
VDD =
−20 V
RG = 25
Ω
VGS =
−12 → 0 V
IAS
≤ −16 A
Starting Tch - Starting Channel Temperature -
°C
10
μ
100
μ
1 m
10 m


유사한 부품 번호 - N0400P-ZK-E2-AYNote

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
N0400P-ZK-E2-AY RENESAS-N0400P-ZK-E2-AY Datasheet
309Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
N0400P-ZK-E2-AY RENESAS-N0400P-ZK-E2-AY Datasheet
232Kb / 9P
   N0400P
More results

유사한 설명 - N0400P-ZK-E2-AYNote

제조업체부품명데이터시트상세설명
logo
NEC
2SK815 NEC-2SK815 Datasheet
176Kb / 4P
   MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
   MOS FIELD EFFECT TRANSISTOR
2SJ624 NEC-2SJ624 Datasheet
71Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SJ603 NEC-2SJ603 Datasheet
79Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
NP180N04TUK RENESAS-NP180N04TUK_15 Datasheet
253Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2SK3353 RENESAS-2SK3353_15 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
NP60N04VUK RENESAS-NP60N04VUK Datasheet
110Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP89N055PUK RENESAS-NP89N055PUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP90N04VUK RENESAS-NP90N04VUK Datasheet
111Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N04TUK RENESAS-NP160N04TUK Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP160N055TUK RENESAS-NP160N055TUK Datasheet
112Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com