전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS37N50 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFPS37N50
상세설명  Power MOSFET(Vdss=500V, Rds(on)max=0.13ohm, Id=36A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS37N50 데이터시트(HTML) 1 Page - International Rectifier

  IRFPS37N50 Datasheet HTML 1Page - International Rectifier IRFPS37N50 Datasheet HTML 2Page - International Rectifier IRFPS37N50 Datasheet HTML 3Page - International Rectifier IRFPS37N50 Datasheet HTML 4Page - International Rectifier IRFPS37N50 Datasheet HTML 5Page - International Rectifier IRFPS37N50 Datasheet HTML 6Page - International Rectifier IRFPS37N50 Datasheet HTML 7Page - International Rectifier IRFPS37N50 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
36
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
23
A
IDM
Pulsed Drain Current

144
PD @TC = 25°C
Power Dissipation
446
W
Linear Derating Factor
3.6
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
3.5
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
SMPS MOSFET
HEXFET® Power MOSFET
Absolute Maximum Ratings
l Switch Mode Power Supply (SMPS)
l Uninterruptable Power Supply
l High Speed Power Switching
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Effective Coss Specified (See AN
1001)
VDSS
RDS(on) max
ID
500V
0.13
36A
Typical SMPS Topologies
l Full Bridge Converters
l Power Factor Correction Boost
Notes
 through … are on page 8
IRFPS37N50A
www.irf.com
1
12/14/99
SUPER-247
PD- 91822C


유사한 부품 번호 - IRFPS37N50

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFPS37N50A VISHAY-IRFPS37N50A Datasheet
156Kb / 8P
   Power MOSFET
S-81368-Rev. B, 21-Jul-08
IRFPS37N50A VISHAY-IRFPS37N50A Datasheet
182Kb / 9P
   Power MOSFET
Rev. C, 07-Feb-11
logo
Inchange Semiconductor ...
IRFPS37N50A ISC-IRFPS37N50A Datasheet
374Kb / 3P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
logo
Vishay Siliconix
IRFPS37N50APBF VISHAY-IRFPS37N50APBF Datasheet
156Kb / 8P
   Power MOSFET
S-81368-Rev. B, 21-Jul-08
More results

유사한 설명 - IRFPS37N50

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS37N50APBF IRF-IRFPS37N50APBF Datasheet
147Kb / 9P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)max = 0.13廓 , ID = 36A )
IRL3714 IRF-IRL3714 Datasheet
127Kb / 11P
   Power MOSFET(Vdss=20V, Rds(on)max=20mohm, Id=36A)
IRF840A IRF-IRF840A Datasheet
89Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.85ohm, Id=8.0A)
IRFIB7N50A IRF-IRFIB7N50A Datasheet
96Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=6.6A)
IRFP460A IRF-IRFP460A Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFB11N50A IRF-IRFB11N50A Datasheet
100Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.52ohm, Id=11A)
IRFP450A IRF-IRFP450A Datasheet
101Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.40ohm, Id=14A)
IRF830AS IRF-IRF830AS Datasheet
155Kb / 10P
   Power MOSFET(Vdss=500V, Rds(on)max=1.40ohm, Id=5.0A)
IRFP460AS IRF-IRFP460AS Datasheet
115Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.27ohm, Id=20A)
IRFB13N50A IRF-IRFB13N50A Datasheet
97Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)max=0.450ohm, Id=14A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com