전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS3810 데이터시트(PDF) 7 Page - International Rectifier

부품명 IRFPS3810
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS3810 데이터시트(HTML) 7 Page - International Rectifier

  IRFPS3810 Datasheet HTML 1Page - International Rectifier IRFPS3810 Datasheet HTML 2Page - International Rectifier IRFPS3810 Datasheet HTML 3Page - International Rectifier IRFPS3810 Datasheet HTML 4Page - International Rectifier IRFPS3810 Datasheet HTML 5Page - International Rectifier IRFPS3810 Datasheet HTML 6Page - International Rectifier IRFPS3810 Datasheet HTML 7Page - International Rectifier IRFPS3810 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
IRFPS3810
www.irf.com
7
APPROVED
P.W.
Period
di/dt
Diode Recovery
dv/dt
Ripple
≤ 5%
Body Diode
Forward Drop
Re-Applied
Voltage
Reverse
Recovery
Current
Body Diode Forward
Current
VGS=10V
VDD
ISD
Driver Gate Drive
D.U.T. ISD Waveform
D.U.T. VDS Waveform
Inductor Curent
D =
P.W.
Period
+
-
+
+
+
-
-
-
Fig 14. For N-Channel HEXFET® Power MOSFETs
* VGS = 5V for Logic Level Devices
Peak Diode Recovery dv/dt Test Circuit
ƒ
„
‚
RG
VDD
• dv/dt controlled by RG
• Driver same type as D.U.T.
• ISD controlled by Duty Factor "D"
• D.U.T. - Device Under Test
D.U.T
Circuit Layout Considerations
• Low Stray Inductance
• Ground Plane
• Low Leakage Inductance
Current Transformer

*


유사한 부품 번호 - IRFPS3810

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
173Kb / 8P
   HEXFET짰 Power MOSFET
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
178Kb / 8P
   Advanced Process Technology
IRFPS3810PBF IRF-IRFPS3810PBF_15 Datasheet
178Kb / 8P
   Advanced Process Technology
More results

유사한 설명 - IRFPS3810

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRF2204SPBF IRF-IRF2204SPBF Datasheet
256Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com