전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS3810 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFPS3810
상세설명  Power MOSFET(Vdss=100V, Rds(on)=0.009ohm, Id=170A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS3810 데이터시트(HTML) 8 Page - International Rectifier

  IRFPS3810 Datasheet HTML 1Page - International Rectifier IRFPS3810 Datasheet HTML 2Page - International Rectifier IRFPS3810 Datasheet HTML 3Page - International Rectifier IRFPS3810 Datasheet HTML 4Page - International Rectifier IRFPS3810 Datasheet HTML 5Page - International Rectifier IRFPS3810 Datasheet HTML 6Page - International Rectifier IRFPS3810 Datasheet HTML 7Page - International Rectifier IRFPS3810 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFPS3810
8
www.irf.com
APPROVED
Super-247™ Package Outline
B
Ø 1.60 [.063]
12
0.25 [.010]
B A
3
0.13 [.005]
2.35 [.092]
1.65 [.065]
2.15 [.084]
1.45 [.058]
5.50 [.216]
4.50 [.178]
E
E
3X
1.60 [.062]
1.45 [.058]
16.10 [.632]
15.10 [.595]
20.80 [.818]
19.80 [.780]
14.80 [.582]
13.80 [.544]
4.25 [.167]
3.85 [.152]
5.45 [.215]
1.30 [.051]
0.70 [.028]
13.90 [.547]
13.30 [.524]
16.10 [.633]
15.50 [.611]
4
0.25 [.010]
BA
4
3.00 [.118]
2.00 [.079]
A
2X R
MAX.
SECT ION E -E
2X
1.30 [.051]
1.10 [.044]
3X
1. DIMENSIONING AND T OLE RANCING PER ASME Y14.5M-1994.
2. DIMENSIONS ARE S HOWN IN MILLIME T ERS [INCHE S]
3. CONT ROLLING DIMENSION: MILLIME T ER
NOT ES :
4. OUT LINE CONF ORMS T O JEDEC OUT LINE T O-274AA
3 - S OURCE
2 - DRAIN
1 - GAT E
4 - DRAIN
3 - E MITTE R
4 - COLLECT OR
1 - GAT E
2 - COLLECT OR
LEAD ASS IGNME NT S
MOS F ET
IGBT
C
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.1/02


유사한 부품 번호 - IRFPS3810

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
173Kb / 8P
   HEXFET짰 Power MOSFET
IRFPS3810PBF IRF-IRFPS3810PBF Datasheet
178Kb / 8P
   Advanced Process Technology
IRFPS3810PBF IRF-IRFPS3810PBF_15 Datasheet
178Kb / 8P
   Advanced Process Technology
More results

유사한 설명 - IRFPS3810

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF1104 IRF-IRF1104 Datasheet
101Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.009ohm, Id=100A??
IRF1704 IRF-IRF1704 Datasheet
102Kb / 8P
   Power MOSFET(Vdss=40V, Rds(on)=0.004ohm, Id=170A??
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRF2204SPBF IRF-IRF2204SPBF Datasheet
256Kb / 12P
   HEXFET짰 Power MOSFET ( VDSS = 40V , RDS(on) = 3.6m廓 , ID = 170A )
IRF9510S IRF-IRF9510S Datasheet
176Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-4.0A)
IRF520VS IRF-IRF520VS Datasheet
129Kb / 10P
   Power MOSFET(Vdss=100V, Rds(on)=0.165ohm, Id=9.6A)
IRC540 IRF-IRC540 Datasheet
222Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.077ohm, Id=28A)
IRFRU5410 IRF-IRFRU5410 Datasheet
215Kb / 10P
   Power MOSFET(Vdss=-100V, Rds(on)=0.205ohm, Id=-13A)
IRF9520N IRF-IRF9520N Datasheet
95Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.48ohm, Id=-6.8A)
IRF1310N IRF-IRF1310N Datasheet
96Kb / 8P
   Power MOSFET(Vdss=100V, Rds(on)=0.036ohm, Id=42A)
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com