전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS40N50L 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRFPS40N50L
상세설명  Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS40N50L 데이터시트(HTML) 2 Page - International Rectifier

  IRFPS40N50L Datasheet HTML 1Page - International Rectifier IRFPS40N50L Datasheet HTML 2Page - International Rectifier IRFPS40N50L Datasheet HTML 3Page - International Rectifier IRFPS40N50L Datasheet HTML 4Page - International Rectifier IRFPS40N50L Datasheet HTML 5Page - International Rectifier IRFPS40N50L Datasheet HTML 6Page - International Rectifier IRFPS40N50L Datasheet HTML 7Page - International Rectifier IRFPS40N50L Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFPS40N50L
2
www.irf.com
Symbol
Parameter
Min. Typ. Max. Units
Conditions
gfs
Forward Transconductance
21
–––
–––
SVDS = 50V, ID = 46A
Qg
Total Gate Charge
–––
–––
380
ID = 46A
Qgs
Gate-to-Source Charge
–––
–––
80
nC
VDS = 400V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
190
VGS = 10V, See Fig. 6 and 13
„
td(on)
Turn-On Delay Time
–––
27
–––
VDD = 250V
tr
Rise Time
–––
170
–––
ID = 46A
td(off)
Turn-Off Delay Time
–––
50
–––
RG = 0.85Ω
tf
Fall Time
–––
69
–––
VGS = 10V,See Fig. 10
„
Ciss
Input Capacitance
–––
8110 –––
VGS = 0V
Coss
Output Capacitance
–––
960
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
130
–––
pF
ƒ = 1.0MHz, See Fig. 5
Coss
Output Capacitance
––– 11200 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
240
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
420
–––
VGS = 0V, VDS = 0V to 400V
…
Dynamic @ TJ = 25°C (unless otherwise specified)
ns
Symbol
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
VVGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.60
–––
V/°C
Reference to 25°C, ID = 1mA
†
RDS(on)
Static Drain-to-Source On-Resistance
–––
0.087 0.100
VGS = 10V, ID = 28A
„
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
VDS = VGS, ID = 250µA
–––
–––
50
µA
VDS = 500V, VGS = 0V
–––
–––
2.0
mA
VDS = 400V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 30V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -30V
Static @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
ƒ I
SD ≤ 46A, di/dt ≤ 367A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 150°C.
Notes:
‚ Starting T
J = 25°C, L = 0.86mH, RG = 25Ω,
IAS = 46A (See Figure 12a)
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
920
mJ
IAR
Avalanche Current

–––
46
A
EAR
Repetitive Avalanche Energy

–––
54
mJ
Avalanche Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.23
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance


유사한 부품 번호 - IRFPS40N50L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFPS40N50L VISHAY-IRFPS40N50L Datasheet
163Kb / 8P
   Power MOSFET
S-81367-Rev. B, 21-Jul-08
IRFPS40N50L VISHAY-IRFPS40N50L Datasheet
191Kb / 9P
   Power MOSFET
Rev. C, 07-Feb-11
logo
Inchange Semiconductor ...
IRFPS40N50L ISC-IRFPS40N50L Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFPS40N50LPBF IRF-IRFPS40N50LPBF Datasheet
152Kb / 8P
   HEXFET짰Power MOSFET
logo
Vishay Siliconix
IRFPS40N50LPBF VISHAY-IRFPS40N50LPBF Datasheet
163Kb / 8P
   Power MOSFET
S-81367-Rev. B, 21-Jul-08
More results

유사한 설명 - IRFPS40N50L

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com