전자부품 데이터시트 검색엔진 |
|
IRFPS43N50K 데이터시트(PDF) 2 Page - International Rectifier |
|
IRFPS43N50K 데이터시트(HTML) 2 Page - International Rectifier |
2 / 8 page IRFPS43N50K 2 www.irf.com Symbol Parameter Min. Typ. Max. Units Conditions IS Continuous Source Current MOSFET symbol (Body Diode) ––– ––– showing the ISM Pulsed Source Current integral reverse (Body Diode) ––– ––– p-n junction diode. VSD Diode Forward Voltage ––– ––– 1.5 V TJ = 25°C, IS = 47A, VGS = 0V trr Reverse Recovery Time ––– 620 940 ns TJ = 25°C, IF = 47A Qrr Reverse RecoveryCharge ––– 14 21 µC di/dt = 100A/µs IRRM Reverse RecoveryCurrent ––– 38 ––– A ton Forward Turn-On Time Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD) Symbol Parameter Min. Typ. Max. Units Conditions gfs Forward Transconductance 23 ––– ––– SVDS = 50V, ID = 28A Qg Total Gate Charge ––– ––– 350 ID = 47A Qgs Gate-to-Source Charge ––– ––– 85 nC VDS = 400V Qgd Gate-to-Drain ("Miller") Charge ––– ––– 180 VGS = 10V, See Fig. 6 and 13 td(on) Turn-On Delay Time ––– 25 ––– VDD = 250V tr Rise Time ––– 140 ––– ID = 47A td(off) Turn-Off Delay Time ––– 55 ––– RG = 1.0Ω tf Fall Time ––– 74 ––– VGS = 10V,See Fig. 10 Ciss Input Capacitance ––– 8310 ––– VGS = 0V Coss Output Capacitance ––– 960 ––– VDS = 25V Crss Reverse Transfer Capacitance ––– 120 ––– pF ƒ = 1.0MHz, See Fig. 5 Coss Output Capacitance ––– 10170 ––– VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz Coss Output Capacitance ––– 240 ––– VGS = 0V, VDS = 400V, ƒ = 1.0MHz Coss eff. Effective Output Capacitance ––– 440 ––– VGS = 0V, VDS = 0V to 400V Dynamic @ TJ = 25°C (unless otherwise specified) ns S D G Diode Characteristics 47 190 A Symbol Parameter Min. Typ. Max. Units Conditions V(BR)DSS Drain-to-Source Breakdown Voltage 500 ––– ––– VVGS = 0V, ID = 250µA ∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– 0.60 ––– V/°C Reference to 25°C, ID = 1mA RDS(on) Static Drain-to-Source On-Resistance ––– 0.078 0.090 Ω VGS = 10V, ID = 28A VGS(th) Gate Threshold Voltage 3.0 ––– 5.0 V VDS = VGS, ID = 250µA ––– ––– 50 µA VDS = 500V, VGS = 0V ––– ––– 250 µA VDS = 400V, VGS = 0V, TJ = 125°C Gate-to-Source Forward Leakage ––– ––– 100 VGS = 30V Gate-to-Source Reverse Leakage ––– ––– -100 nA VGS = -30V Static @ TJ = 25°C (unless otherwise specified) IGSS IDSS Drain-to-Source Leakage Current Repetitive rating; pulse width limited by max. junction temperature. (See Fig. 11) I SD ≤ 47A, di/dt ≤ 230A/µs, VDD ≤ V(BR)DSS, TJ ≤ 150°C. Notes: Starting T J = 25°C, L = 0.82mH, RG = 25Ω, IAS = 47A (See Figure 12a). Pulse width ≤ 400µs; duty cycle ≤ 2%.
Coss eff. is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS. |
유사한 부품 번호 - IRFPS43N50K |
|
유사한 설명 - IRFPS43N50K |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |