전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFPS43N50K 데이터시트(PDF) 8 Page - International Rectifier

부품명 IRFPS43N50K
상세설명  Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFPS43N50K 데이터시트(HTML) 8 Page - International Rectifier

  IRFPS43N50K Datasheet HTML 1Page - International Rectifier IRFPS43N50K Datasheet HTML 2Page - International Rectifier IRFPS43N50K Datasheet HTML 3Page - International Rectifier IRFPS43N50K Datasheet HTML 4Page - International Rectifier IRFPS43N50K Datasheet HTML 5Page - International Rectifier IRFPS43N50K Datasheet HTML 6Page - International Rectifier IRFPS43N50K Datasheet HTML 7Page - International Rectifier IRFPS43N50K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFPS43N50K
8
www.irf.com
SUPER -247AC Package Outline
Dimensions are shown in millimeters (inches)
B
Ø 1.60 [.063]
12
0.25 [.010]
B A
3
0.13 [.005]
2.35 [.092]
1.65 [.065]
2.15 [.084]
1.45 [.058]
5.50 [.216]
4.50 [.178]
E
E
3X
1.60 [.062]
1.45 [.058]
16.10 [.632]
15.10 [.595]
20.80 [.818]
19.80 [.780]
14.80 [.582]
13.80 [.544]
4.25 [.167]
3.85 [.152]
5.45 [.215]
1.30 [.051]
0.70 [.028]
13.90 [.547]
13.30 [.524]
16.10 [.633]
15.50 [.611]
4
0.25 [.010]
BA
4
3.00 [.118]
2.00 [.079]
A
2X R
MAX.
SECT ION E-E
2X
1.30 [.051]
1.10 [.044]
3X
1. DIMENS IONING AND T OLE RANCING PER AS ME Y14.5M-1994.
2. DIMENS IONS ARE S HOWN IN MILLIMET ERS [INCHES ]
3. CONT ROLLING DIMENS ION: MILLIMET ER
NOT ES :
4. OUT LINE CONF ORMS T O JEDEC OUT LINE T O-274AA
3 - S OURCE
2 - DRAIN
1 - GATE
4 - DRAIN
3 - EMITTER
4 - COLLECT OR
1 - GATE
2 - COLLECT OR
LE AD AS S IGNMENT S
MOS FET
IGBT
C
Data and specifications subject to change without notice.
This product has been designed and qualified for the industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/01


유사한 부품 번호 - IRFPS43N50K

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
IRFPS43N50K VISHAY-IRFPS43N50K Datasheet
147Kb / 8P
   RFPS43N50K
S-81367-Rev. B, 21-Jul-08
IRFPS43N50K VISHAY-IRFPS43N50K Datasheet
175Kb / 9P
   Power MOSFET
Rev. C, 31-Jan-11
logo
International Rectifier
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
logo
Vishay Siliconix
IRFPS43N50KPBF VISHAY-IRFPS43N50KPBF Datasheet
147Kb / 8P
   RFPS43N50K
S-81367-Rev. B, 21-Jul-08
IRFPS43N50K VISHAY-IRFPS43N50K_17 Datasheet
175Kb / 9P
   Power MOSFET
Rev. C, 31-Jan-11
More results

유사한 설명 - IRFPS43N50K

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFPS43N50KPBF IRF-IRFPS43N50KPBF Datasheet
130Kb / 8P
   HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRLZ44NS IRF-IRLZ44NS Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRLZ44N IRF-IRLZ44N Datasheet
369Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com