전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAL45VB103K 데이터시트(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

부품명 CAL45VB103K
상세설명  Axial Leaded Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
홈페이지  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

CAL45VB103K 데이터시트(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  CAL45VB103K Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Axial Leaded Inductors
CAL45VB103K
Features
Item Summary
10000μH(±10%), Leaded
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 1500pcs
Products characteristics table
External Dimensions (mm) LxD
8(max)×4.4(max)mm
Inductance
10000μH(±10%)
Inductance Measuring Frequency
0.0796MHz
Rated Current
65mA
DC Resistance (max)
155Ω
Temperature Range
-25 to +105 ℃
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Wave
External Dimensions
L
8mm max
D
4.4mm max
2015.05.04
1 / 1


유사한 부품 번호 - CAL45VB103K

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
CAL45VB100K TAIYO-YUDEN-CAL45VB100K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB101K TAIYO-YUDEN-CAL45VB101K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB102K TAIYO-YUDEN-CAL45VB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results

유사한 설명 - CAL45VB103K

제조업체부품명데이터시트상세설명
logo
Taiyo Yuden (U.S.A.), I...
CAL45TB6R8K TAIYO-YUDEN-CAL45TB6R8K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB102K TAIYO-YUDEN-CAL45TB102K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB150K TAIYO-YUDEN-CAL45TB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB270K TAIYO-YUDEN-CAL45TB270K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45TB822K TAIYO-YUDEN-CAL45TB822K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB1R2K TAIYO-YUDEN-CAL45VB1R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R2K TAIYO-YUDEN-CAL45VB2R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB2R7K TAIYO-YUDEN-CAL45VB2R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB4R7K TAIYO-YUDEN-CAL45VB4R7K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB8R2K TAIYO-YUDEN-CAL45VB8R2K Datasheet
138Kb / 1P
   Axial Leaded Inductors
CAL45VB150K TAIYO-YUDEN-CAL45VB150K Datasheet
138Kb / 1P
   Axial Leaded Inductors
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com