전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMS840 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SMS840
상세설명  P-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMS840 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMS840_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMS840_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMS840_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMS840_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SMS840
0.13A , 50V , RDS(ON) 10 Ω
P-Channel Enhancement MOSFET
Elektronische Bauelemente
25-Nov-2011 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE


유사한 부품 번호 - SMS840_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMS840 SECOS-SMS840 Datasheet
1Mb / 4P
   0.13A , 50V , RDS(ON) 10 P-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SMS840 VBSEMI-SMS840 Datasheet
491Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SMS840_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com