전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP262003-1 데이터시트(PDF) 1 Page - DB Unlimited.

부품명 TP262003-1
상세설명  Released from Engineering
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DBUNLIMITED [DB Unlimited.]
홈페이지  http://www.dbunlimitedco.com/
Logo DBUNLIMITED - DB Unlimited.

TP262003-1 데이터시트(HTML) 1 Page - DB Unlimited.

  TP262003-1 Datasheet HTML 1Page - DB Unlimited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
sales@dbunlimitedco.com | www.dbunlimitedco.com
©2013, DB Unlimited
Sheet
1 of 1
Unit
Version
Date
Approved
1
10/21/2013
J.S
(Hz)
(V)
(dBA)
(pF)
(V)
(mA)
Drawn by
Date
Checked by
Date
Approved by
Date
°C
A.B.
10/21/2013
C.E.
10/21/2013
J.S
10/21/2013
°C
(g)
Housing Material
Max Rated Current
Weight
3
-40 ~ +85
NORYL
-40 ~ +85
Insert Graphics
Storage Temperature
Revision History
Specifications
Rated Voltage
SPL @ 10cm
Operating Temperature
TP262003-1
Piezo Transducer
Technology
Description
Voltage Range
Mount Type
Resonant Frequency
Capacitance
1) All dimensions are in mm unless otherwise noted
Value
Piezo
1 ~ 25
2) All parts meet RoHS
Thru Hole
Description
Released from Engineering
Notes
19,000
70
3
2,000
1


유사한 부품 번호 - TP262003-1

제조업체부품명데이터시트상세설명
logo
Supertex, Inc
TP2635 SUTEX-TP2635 Datasheet
457Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
TP2635 SUTEX-TP2635 Datasheet
624Kb / 5P
   P-Channel Enhancement-Mode Vertical DMOS FET
TP2635N3 SUTEX-TP2635N3 Datasheet
457Kb / 4P
   P-Channel Enhancement-Mode Vertical DMOS FETs
TP2635N3 SUTEX-TP2635N3 Datasheet
562Kb / 5P
   P- Channel Enhancement-Mode Vertical DMOS FETs
More results

유사한 설명 - TP262003-1

제조업체부품명데이터시트상세설명
logo
Projects Unlimited, Inc...
AT-1438-TWT-R PUI-AT-1438-TWT-R Datasheet
251Kb / 1P
   RELEASED FROM ENGINEERING
AT-1820-TWT-6V-R PUI-AT-1820-TWT-6V-R Datasheet
187Kb / 1P
   RELEASED FROM ENGINEERING
AB2720B-LW100-R PUI-AB2720B-LW100-R Datasheet
204Kb / 1P
   RELEASED FROM ENGINEERING
AB2734B-LW100-R PUI-AB2734B-LW100-R Datasheet
182Kb / 1P
   RELEASED FROM ENGINEERING
AOM-4546P-NF-R PUI-AOM-4546P-NF-R Datasheet
1Mb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-5V-2-R PUI-AI-1223-TWT-5V-2-R Datasheet
183Kb / 1P
   RELEASED FROM ENGINEERING
AI-1223-TWT-12V-R PUI-AI-1223-TWT-12V-R Datasheet
256Kb / 1P
   RELEASED FROM ENGINEERING
ASE02808MR-LW150-R PUI-ASE02808MR-LW150-R Datasheet
270Kb / 1P
   RELEASED FROM ENGINEERING
AI-2304-TF-LW120-R PUI-AI-2304-TF-LW120-R Datasheet
184Kb / 1P
   RELEASED FROM ENGINEERING
SMI-1324-TW-5V-R PUI-SMI-1324-TW-5V-R Datasheet
153Kb / 1P
   RELEASED FROM ENGINEERING
logo
DB Unlimited.
IE122303-1 DBUNLIMITED-IE122303-1 Datasheet
300Kb / 1P
   Released from Engineering
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com