전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG8N10 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG8N10
상세설명  N-Ch Enhancement Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG8N10 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SSG8N10_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG8N10_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG8N10_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG8N10_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SSG8N10
8A , 100V , RDS(ON) 48m
N-Ch Enhancement Mode Power MOSFET
25-Apr-2013 Rev. A
Page 4 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


유사한 부품 번호 - SSG8N10_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG8N10 SECOS-SSG8N10 Datasheet
460Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSG8N10 VBSEMI-SSG8N10 Datasheet
616Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

유사한 설명 - SSG8N10_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSRF03N80SL SECOS-SSRF03N80SL Datasheet
600Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SMS6001 SECOS-SMS6001 Datasheet
662Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSM01N60SL SECOS-SSM01N60SL Datasheet
557Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSRF08N70SL SECOS-SSRF08N70SL Datasheet
472Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSU07N65SL SECOS-SSU07N65SL Datasheet
568Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
SSPS924NE SECOS-SSPS924NE Datasheet
630Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD30N15 SECOS-SSD30N15_15 Datasheet
445Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD40N04 SECOS-SSD40N04_15 Datasheet
386Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD50N10 SECOS-SSD50N10_15 Datasheet
574Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
SSD60N04 SECOS-SSD60N04_15 Datasheet
151Kb / 2P
   N-Ch Enhancement Mode Power MOSFET
SSPS922NE SECOS-SSPS922NE_15 Datasheet
538Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com