전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

AM1-G 데이터시트(HTML) 3 Page - TriQuint Semiconductor

부품명 AM1-G
상세내용  High Dynamic Range Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  TRIQUINT [TriQuint Semiconductor]
홈페이지  http://www.triquint.com
Logo 

AM1-G 데이터시트(HTML) 3 Page - TriQuint Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
/ 6 page
 3 / 6 page
background image
AM1
High Dynamic Range Gain Block
Specifications and information are subject to change without notice
TriQuint Semiconductor, Inc
 Phone +1-503-615-9000  FAX: +1-503-615-8900  e-mail: info-sales@tqs.com  Web site: www.TriQuint.com
Page 3 of 6
May 2012
Typical Device Data
S-Parameters (VDS = +3.3 V, IDS = 75 mA, T = 25 C, 50 ohm system)
Input return loss can be improved with the appropriate input matching network shown later in this datasheet.
Gain vs. Frequency
6
8
10
12
14
16
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40c
+25c
+85c
S11 vs. Frequency
-30
-25
-20
-15
-10
-5
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40c
+25c
+85c
S22 vs. Frequency
-40
-30
-20
-10
0
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
-40c
+25c
+85c
Noise Figure vs. Frequency
0
1
2
3
4
5
6
0
500
1000
1500
2000
2500
3000
Frequency (MHz)
Output Power / Gain vs. Input Power
frequency = 900 MHz, Temp = +25° C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
10
12
14
16
18
20
Output Power
Gain
Output Power / Gain vs. Input Power
frequency = 1900 MHz, Temp = +25° C
4
6
8
10
12
14
0
2
4
6
8
10
12
14
Input Power (dBm)
10
12
14
16
18
20
Output Power
Gain


Html Pages

1  2  3  4  5  6 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn