전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSG4502C 데이터시트(PDF) 6 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSG4502C
상세설명  N & P-Ch Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4502C 데이터시트(HTML) 6 Page - SeCoS Halbleitertechnologie GmbH

  SSG4502C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4502C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4502C_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4502C_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4502C_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4502C_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Elektronische Bauelemente
SSG4502C
N-Ch: 10 A, 30 V, RDS(ON) 16 m
P-Ch: -8.5 A, -30 V, RDS(ON) 23 m
N & P-Ch Enhancement Mode Power MOSFET
27-Dec-2010 Rev. B
Page 6 of 6
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


유사한 부품 번호 - SSG4502C_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSG4502CE SECOS-SSG4502CE Datasheet
3Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET N-Ch: 10.0 A, 30 V, RDS(ON) 16 m P-Ch: -8.5A, -30 V, RDS(ON) 23 m
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
More results

유사한 설명 - SSG4502C_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4536C SECOS-SSG4536C_15 Datasheet
126Kb / 2P
   N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com