전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ517 데이터시트(PDF) 5 Page - Renesas Technology Corp

부품명 2SJ517
상세설명  Silicon P Channel MOS FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ517 데이터시트(HTML) 5 Page - Renesas Technology Corp

  2SJ517_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 8Page - Renesas Technology Corp 2SJ517_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2SJ517
Rev.4.00 Sep 07, 2005 page 3 of 6
Main Characteristics
2.0
0.5
0
1.0
1.5
0
50
100
150
200
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Test Condition:
When using the aluminum ceramic
board (12.5
× 20 × 70 mm)
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
–0.1
–10
–1
–0.1
–0.01
–0.3
–1
–3
–10
–30
–100
–3
–0.3
–0.03
Operation in
this area is
limited by RDS (on)
Ta = 25°C
PW
= 10
ms
(1
shot)
–5
–4
–3
0
–1
–2
0
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
–3 V
Pulse Test
–2.5 V
–2
–4
–6
–8
–10
–5
0
–1
–2
–3
–4
0
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
–1
–2
–3
–4
–5
Tc = 75°C
–25°C
25°C
VDS = –10 V
Pulse Test
–1.0
0
–0.2
–0.4
–0.6
–0.8
0
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
–2
–4
–6
–8
–10
Pulse Test
ID = –2 A
–0.5 A
–1 A
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
1
0.2
0.5
0.05
0.1
0.01
0.02
–10
–4 V
VGS = –2.5 V
Pulse Test
–0.1 –0.2
–0.5
–1
–2
–5
DC
Operation
1 ms
VGS = –1.5 V
–10 V
–2 V
–4 V


유사한 부품 번호 - 2SJ517_15

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
2SJ517YYTL-E RENESAS-2SJ517YYTL-E Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
2SJ517YYTR-E RENESAS-2SJ517YYTR-E Datasheet
79Kb / 7P
   Silicon P Channel MOS FET
More results

유사한 설명 - 2SJ517_15

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com