전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSI2154 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSI2154
상세설명  Dual N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSI2154 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSI2154_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSI2154_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSI2154_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSI2154_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSI2154
800mA, 20V
Dual N-Channel MOSFET
Elektronische Bauelemente
18-Oct-2012 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
The SSI2154 is N-Channel enhancement MOS Field
Effect Transistor. Uses advanced trench technology and
design to provide excellent RDS (ON)with low gate charge.
This device is suitable for use in DC-DC conversion, load
switch and level shift.
MECHANICAL DATA
Trench Technology
Supper high density cell design
Excellent ON resistance
Extremely Low Threshold Voltage
APPLICATION
DC-DC converter circuit
Load Switch
DEVICE MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
10S
Steady State
Drain – Source Voltage
VDS
20
V
Gate – Source Voltage
VGS
±6
V
Continuous Drain Current
1
TA= 25°C
ID
0.88
0.8
A
TA= 70°C
0.71
0.64
Power Dissipation
1
TA= 25°C
PD
0.37
0.3
W
TA= 70°C
0.23
0.19
Continuous Drain Current
2
TA= 25°C
ID
0.76
0.69
A
TA= 70°C
0.6
0.55
Power Dissipation
2
TA= 25°C
PD
0.27
0.22
W
TA= 70°C
0.17
0.14
Pulsed Drain Current
3
IDM
1.4
A
Maximum Junction-to-Lead
RθJL
260
°C / W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55~150
°C
SOT-563
54
E
F
J
B
C
D
G
A
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


유사한 부품 번호 - SSI2154_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
More results

유사한 설명 - SSI2154_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSI2154 SECOS-SSI2154 Datasheet
562Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6804A-HF KEXIN-AO6804A-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6808-HF KEXIN-AO6808-HF Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
AO6810 KEXIN-AO6810 Datasheet
1Mb / 4P
   Dual N-Channel MOSFET
KX4N03W KEXIN-KX4N03W Datasheet
1Mb / 6P
   Dual N-Channel MOSFET
SI9926DY-HF KEXIN-SI9926DY-HF Datasheet
572Kb / 2P
   Dual N-Channel MOSFET
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
   Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
   Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
   Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com