전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSP7462N 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

부품명 SSP7462N
상세설명  N-Channel Enhancement MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7462N 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSP7462N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7462N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSP7462N
13 A, 60 V, RDS(ON) 22 m
N-Channel Enhancement MOSFET
18-Sep-2013 Rev. B
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Static
Gate-Threshold Voltage
VGS(th)
1
-
-
V
VDS = VGS, ID = 250μA
Gate-Body Leakage
IGSS
-
-
100
nA
VDS = 0V, VGS= 12V
-
-
1
VDS = 48V, VGS= 0V
Zero Gate Voltage Drain Current
IDSS
-
-
5
μA
VDS = 48V, VGS= 0V, TJ=55°C
On-State Drain Current
1
ID(ON)
40
-
-
A
VDS = 5V, VGS= 10V
-
-
22
VGS= 10V, ID = 6A
Drain-Source On-Resistance
1
RDS(ON)
-
-
26
mΩ
VGS= 4.5V, ID = 5A
Forward Transconductance
1
gFS
-
40
-
S
VDS= 15V,,ID = 6A
Diode Forward Voltage
VSD
-
0.7
-
V
IS= 2.3A, VGS= 0V
Dynamic
2
Total Gate Charge
Qg
-
15
-
Gate-Source Charge
Qgs
-
3
-
Gate-Drain Charge
Qgd
-
5
-
nC
ID= 6A
VDS= 15V
VGS= 4.5V
Turn-On Delay Time
Td(ON)
-
15
-
Rise Time
Tr
-
10
-
Turn-Off Delay Time
Td(OFF)
-
54
-
Fall Time
Tf
-
26
-
nS
ID= 1A, VDD= 15V
VGEN= 10V
RL= 6Ω
Notes
1.
Pulse test:PW ≦ 300 us duty cycle ≦ 2%.
2.
Guaranteed by design, not subject to production testing.


유사한 부품 번호 - SSP7462N_15

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSP7462N SECOS-SSP7462N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
VBsemi Electronics Co.,...
SSP7462N VBSEMI-SSP7462N Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
More results

유사한 설명 - SSP7462N_15

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
   N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
   N-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7200N SECOS-SSP7200N_15 Datasheet
209Kb / 2P
   N-Channel Enhancement MOSFET
SSP7450N SECOS-SSP7450N Datasheet
702Kb / 4P
   N-Channel Enhancement MOSFET
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
   N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
   N-Channel Enhancement MOSFET
logo
DONGGUAN YOU FENG WEI E...
2N7002 YFWDIODE-2N7002 Datasheet
433Kb / 3P
   N-Channel Enhancement MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com