전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRHNA8160 데이터시트(PDF) 3 Page - International Rectifier

부품명 IRHNA8160
상세설명  TRANSISTOR N-CHANNEL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRHNA8160 데이터시트(HTML) 3 Page - International Rectifier

  IRHNA8160 Datasheet HTML 1Page - International Rectifier IRHNA8160 Datasheet HTML 2Page - International Rectifier IRHNA8160 Datasheet HTML 3Page - International Rectifier IRHNA8160 Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Table 2. High Dose Rate
ˆ
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min. Typ Max. Min. Typ. Max.
Units
Test Conditions
VDSS
Drain-to-Source Voltage
80
80
V
Applied drain-to-source voltage
during gamma-dot
IPP
140
140
A
Peak radiation induced photo-current
di/dt
800
160 A/µsec Rate of rise of photo-current
L1
0.1
0.5
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects
‰
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typ.
Units
Ion
(MeV/mg/cm2)
(ions/cm2)(
µm)
(V)
(V)
BVDSS
100
V
Ni
28
1 x 105
~41
100
-5
Radiation Performance of Rad Hard HEXFETs
IRHNA7160, IRHNA8160 Devices
Radiation Characteristics
Table 1. Low Dose Rate
† ‡
IRHNA7160 IRHNA8160
Parameter
100K Rads (Si) 1000K Rads (Si)
Units
Test Conditions
Š
min.
max.
min.
max.
BVDSS
Drain-to-Source Breakdown Voltage
100
100
V
VGS = 0V, ID = 1.0 mA
VGS(th)
Gate Threshold Voltage
„
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0 mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
25
50
µAVDS = 0.8 x Max Rating, VGS = 0V
RDS(on)1
Static Drain-to-Source
„
0.045
0.062
VGS = 12V, ID =32.5A
On-State Resistance One
VSD
Diode Forward Voltage
„
1.8
1.8
V
TC = 25°C, IS = 51A,VGS = 0V
International Rectifier Radiation Hardened HEX-
FETs are tested to verify their hardness capability.
The hardness assurance program at International
Rectifier uses two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test
method 1019. International Rectifier has imposed a
standard gate voltage of 12 volts per note 6 and a
VDSS bias condition equal to 80% of the device
rated voltage per note 7. Pre- and post-radiation
limits of the devices irradiated to 1 x 105 Rads (Si)
are identical and are presented in Table 1, column
1, IRHNA7160. The values in Table 1 will be met for
either of the two low dose rate test circuits that are
used. Both pre- and post-radiation performance are
tested and specified using the same drive circuitry
and test conditions in order to provide a direct com-
parison. It should be noted that at a radiation level
of 1 x 105 Rads (Si), no change in limits are speci-
fied in DC parameters.
High dose rate testing may be done on a special
request basis, using a dose rate up to 1 x 1012 Rads
(Si)/Sec.
International Rectifier radiation hardened HEXFETs
have been characterized in neutron and heavy ion
Single Event Effects (SEE) environments. Single
Event Effects characterization is shown in Table 3.
To Order
Next Data Sheet
Index
Previous Datasheet


유사한 부품 번호 - IRHNA8160

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRHNA8160 IRF-IRHNA8160 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-2)
More results

유사한 설명 - IRHNA8160

제조업체부품명데이터시트상세설명
logo
International Rectifier
RHN7150 IRF-RHN7150 Datasheet
516Kb / 14P
   TRANSISTOR N-CHANNEL
IRHNA7260 IRF-IRHNA7260 Datasheet
161Kb / 4P
   TRANSISTOR N-CHANNEL
logo
Silan Microelectronics ...
SVF7N65T SILAN-SVF7N65T Datasheet
323Kb / 10P
   N-channel transistor
logo
Hi-Sincerity Mocroelect...
H2N7002 HSMC-H2N7002 Datasheet
65Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHNA7064 IRF-IRHNA7064 Datasheet
130Kb / 4P
   TRANSISTOR N-CHANNEL
logo
Comchip Technology
2N7002 COMCHIP-2N7002 Datasheet
88Kb / 3P
   N-CHANNEL TRANSISTOR
logo
Hi-Sincerity Mocroelect...
H2N7002K HSMC-H2N7002K Datasheet
142Kb / 5P
   N-CHANNEL TRANSISTOR
H2N7002KSN HSMC-H2N7002KSN Datasheet
163Kb / 4P
   N-CHANNEL TRANSISTOR
logo
International Rectifier
IRHM7064 IRF-IRHM7064 Datasheet
121Kb / 4P
   TRANSISTOR N-CHANNEL
IRFV064 IRF-IRFV064 Datasheet
216Kb / 8P
   HEXFET TRANSISTOR, N-CHANNEL
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com