전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRL2203 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRL2203
상세설명  Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL2203 데이터시트(HTML) 2 Page - International Rectifier

  IRL2203 Datasheet HTML 1Page - International Rectifier IRL2203 Datasheet HTML 2Page - International Rectifier IRL2203 Datasheet HTML 3Page - International Rectifier IRL2203 Datasheet HTML 4Page - International Rectifier IRL2203 Datasheet HTML 5Page - International Rectifier IRL2203 Datasheet HTML 6Page - International Rectifier IRL2203 Datasheet HTML 7Page - International Rectifier IRL2203 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRL2203N
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.029 –––
V/°C
Reference to 25°C, ID = 1mA
–––
–––
7.0
VGS = 10V, ID = 60A
„
–––
–––
10
VGS = 4.5V, ID = 48A
„
VGS(th)
Gate Threshold Voltage
1.0
–––
–––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
73
–––
–––
S
VDS = 25V, ID = 60A
„
–––
–––
25
µA
VDS = 30V, VGS = 0V
–––
–––
250
VDS = 24V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
100
VGS = 16V
Gate-to-Source Reverse Leakage
–––
–––
-100
nA
VGS = -16V
Qg
Total Gate Charge
–––
–––
60
ID = 60A
Qgs
Gate-to-Source Charge
–––
–––
14
nC
VDS = 24V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
33
VGS = 4.5V, See Fig. 6 and 13
td(on)
Turn-On Delay Time
–––
11
–––
VDD = 15V
tr
Rise Time
–––
160
–––
ID = 60A
td(off)
Turn-Off Delay Time
–––
23
–––
RG = 1.8Ω
tf
Fall Time
–––
66
–––
VGS = 4.5V, See Fig. 10
„
Between lead,
6mm (0.25in.)
from package
and center of die contact
Ciss
Input Capacitance
–––
3290 –––
VGS = 0V
Coss
Output Capacitance
–––
1270 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
170
–––
pF
ƒ = 1.0MHz, See Fig. 5
EAS
Single Pulse Avalanche Energy
‚
––– 1320
…290† mJ
IAS = 60A, L = 0.16mH
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V
TJ = 25°C, IS = 60A, VGS = 0V
„
trr
Reverse Recovery Time
–––
56
84
ns
TJ = 25°C, IF = 60A
Qrr
Reverse Recovery Charge
–––
110
170
nC
di/dt = 100A/µs
„
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
116
‡
400
A
‚ Starting TJ = 25°C, L = 0.16mH
RG = 25Ω, IAS = 60A, VGS=10V (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
ƒ I
SD ≤ 60A, di/dt ≤ 110A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
… This is a typical value at device destruction and represents
operation outside rated limits.
† This is a calculated value limited to TJ = 175°C .
‡ Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A.
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
RDS(on)
Static Drain-to-Source On-Resistance
IGSS
nH
LS
Internal Source Inductance
–––
7.5
–––
LD
Internal Drain Inductance
–––
4.5
–––
IDSS
Drain-to-Source Leakage Current
m


유사한 부품 번호 - IRL2203

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
IRL2203N ISC-IRL2203N Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL2203NL IRF-IRL2203NL Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
231Kb / 11P
   HEXFET짰 Power MOSFET
IRL2203NLPBF IRF-IRL2203NLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
IRL2203NPBF IRF-IRL2203NPBF Datasheet
183Kb / 8P
   HEXFET짰 Power MOSFET
More results

유사한 설명 - IRL2203

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRL2203NS IRF-IRL2203NS Datasheet
132Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=7.0mohm, Id=116A??
IRF7457 IRF-IRF7457 Datasheet
120Kb / 8P
   Power MOSFET(Vdss=20V, Rds(on)max=7.0mohm, Id=15A)
IRL3103S IRF-IRL3103S Datasheet
125Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
IRLI2203G IRF-IRLI2203G Datasheet
328Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.010ohm, Id=52A??
IRL3803 IRF-IRL3803 Datasheet
365Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRLR3103 IRF-IRLR3103 Datasheet
164Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.019ohm, Id=46A??
IRFR1111 IRF-IRFR1111 Datasheet
112Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.031ohm, Id=33A??
IRL2203S IRF-IRL2203S Datasheet
173Kb / 9P
   Power MOSFET(Vdss=30V, Rds(on)=0.007ohm, Id=100A??
IRL3803S IRF-IRL3803S Datasheet
436Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A??
IRFP3703 IRF-IRFP3703 Datasheet
236Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=0.0028ohm, Id=210A??
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com