전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

IRL3103S 데이터시트(PDF) 5 Page - International Rectifier

부품명 IRL3103S
부품 상세설명  Power MOSFET(Vdss=30V, Rds(on)=12mohm, Id=64A)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRL3103S 데이터시트(HTML) 5 Page - International Rectifier

  IRL3103S Datasheet HTML 1Page - International Rectifier IRL3103S Datasheet HTML 2Page - International Rectifier IRL3103S Datasheet HTML 3Page - International Rectifier IRL3103S Datasheet HTML 4Page - International Rectifier IRL3103S Datasheet HTML 5Page - International Rectifier IRL3103S Datasheet HTML 6Page - International Rectifier IRL3103S Datasheet HTML 7Page - International Rectifier IRL3103S Datasheet HTML 8Page - International Rectifier IRL3103S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRL3103S/IRL3103L
www.irf.com
5
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1

Notes:
1. Duty factor D =
t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C

P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50

SINGLE PULSE
(THERMAL RESPONSE)
25
50
75
100
125
150
175
0
10
20
30
40
50
60
70
T , Case Temperature
( C)
°
C
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms


유사한 부품 번호 - IRL3103S

제조업체부품명데이터시트부품 상세설명
International Rectifier
International Rectifier
IRL3103S IRF-IRL3103S Datasheet
100Kb / 17P
   5-BIT PROGRAMMABLE SYNCHRONOUS BUCK, NON-SYNCHRONOUS,ADJUSTABLE LDO AND 200mA ON-BOARD LDO
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
IRL3103S ISC-IRL3103S Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
International Rectifier
International Rectifier
IRL3103SPBF IRF-IRL3103SPBF Datasheet
648Kb / 10P
   HEXFET짰 Power MOSFET
IRL3103SPBF IRF-IRL3103SPBF Datasheet
656Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL3103SPBF IRF-IRL3103SPBF_15 Datasheet
656Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

유사한 설명 - IRL3103S

제조업체부품명데이터시트부품 상세설명
International Rectifier
International Rectifier
IRL3103 IRF-IRL3103 Datasheet
214Kb / 8P
   Power MOSFET(Vdds=30V, Rds(on)=12mohm, Id=64A)
IRF7467 IRF-IRF7467 Datasheet
114Kb / 8P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=11A)
IRF3708 IRF-IRF3708 Datasheet
138Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12mohm, Id=62A)
IRFZ48V IRF-IRFZ48V Datasheet
111Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRF1010E IRF-IRF1010E Datasheet
195Kb / 8P
   Power MOSFET(Vdss=60V,Rds(on)=12mohm,Id=84A?
IRFZ44VZ IRF-IRFZ44VZ Datasheet
298Kb / 12P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=57A)
IRFI3205 IRF-IRFI3205 Datasheet
107Kb / 8P
   Power MOSFET(Vdss=55V, Rds(on)=0.008ohm, Id=64A)
IRF1010ES IRF-IRF1010ES Datasheet
123Kb / 10P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=84A??
IRFZ48VS IRF-IRFZ48VS Datasheet
282Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=72A)
IRFIZ48V IRF-IRFIZ48V Datasheet
93Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=12mohm, Id=39A)
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com