전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U00740M 데이터시트(PDF) 2 Page - Tripp Lite. All Rights Reserved

부품명 U00740M
상세설명  USB over Cat5 Extender Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U00740M 데이터시트(HTML) 2 Page - Tripp Lite. All Rights Reserved

  U00740M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U00740M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Transmitter Unit Width (in.)
1.8
Transmitter Unit Depth (in.)
2.6
Receiver Unit Height (in.)
0.9
Receiver Unit Width (in.)
1.8
Receiver Unit Depth (in.)
2.6
CONNECTIONS
Connector A
USB A (MALE)
Connector B
RJ45 (FEMALE) (X2)
Connector C
USB A (FEMALE)
SPECIAL FEATURES
Chromebook Compatible
Yes
CERTIFICATIONS
Approvals
CE, FCC, RoHS Compliant
WARRANTY
Product Warranty Period (Worldwide)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2


유사한 부품 번호 - U00740M

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
U002-006-IB ETC2-U002-006-IB Datasheet
453Kb / 1P
   USB / FireWire 짰 - USB 1.1 Cable (iMac Blue)
logo
Ensign Corporation
U002-2-010X ENSIGN-U002-2-010X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
U002-2-012X ENSIGN-U002-2-012X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
U002-2-016X ENSIGN-U002-2-016X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
U002-2-020X ENSIGN-U002-2-020X Datasheet
261Kb / 1P
   POWER TRANSFORMER NAVIGATOR CLASS
More results

유사한 설명 - U00740M

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
0DT60001 TRIPPLITE-0DT60001 Datasheet
506Kb / 2P
   USB VGA over Cat5 UTP KVM Console Extender Kit - 500-ft
0DT23010 TRIPPLITE-0DT23010 Datasheet
490Kb / 2P
   Mini USB VGA over Cat5 UTP KVM Console Extender Kit - 230-ft
B126-1P1M-U-POC TRIPPLITE-B126-1P1M-U-POC Datasheet
167Kb / 3P
   HDMI over Cat5/Cat6 Extender Kit, Power over Cable, 1080p @ 60 Hz, TAA
B203-104-POC TRIPPLITE-B203-104-POC Datasheet
178Kb / 3P
   4-Port USB over Cat5/Cat6 Extender Kit with Power over Cable - USB 2.0, Up to 164.04 ft. (50M), Black
B203-101-POC TRIPPLITE-B203-101-POC Datasheet
178Kb / 3P
   1-Port USB over Cat5/Cat6 Extender Kit with Power over Cable - USB 2.0, Up to 164.04 ft. (50M), Black
0DT23001 TRIPPLITE-0DT23001 Datasheet
490Kb / 2P
   PS2 VGA over Cat5 UTP KVM Console Extender Kit - 360-ft
B1262A1 TRIPPLITE-B1262A1 Datasheet
496Kb / 3P
   1x2 HDMI over Cat5 Extender Kit, Box-Style Transmitter and Receiver
0DT23008 TRIPPLITE-0DT23008 Datasheet
498Kb / 2P
   Mini PS2 VGA over Cat5 UTP KVM Console Extender Kit - 230-ft
B126-1A1-U TRIPPLITE-B126-1A1-U Datasheet
168Kb / 4P
   HDMI over Cat5/Cat6 Active Extender Kit, 1080p @ 60 Hz, USB Powered, Up to 125-ft., TAA
B1401P1WP1 TRIPPLITE-B1401P1WP1 Datasheet
489Kb / 2P
   DVI over Cat5-Cat6 Passive Extender Wallplate Kit, Transmitter and Receiver, 1920x1080 60Hz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com