전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U023003 데이터시트(PDF) 1 Page - Tripp Lite. All Rights Reserved

부품명 U023003
상세설명  USB 2.0 Hi-Speed A-B Cable with Ferrite Chokes (M-M), 3-ft
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TRIPPLITE [Tripp Lite. All Rights Reserved]
홈페이지  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U023003 데이터시트(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U023003 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U023003 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
USB 2.0 Hi-Speed A/B Cable with Ferrite Chokes
(M/M), 3-ft.
MODEL NUMBER: U023-003
Description
Tripp Lite's 3-ft. gold USB2.0 A/B device cable meets or exceeds USB 2.0 specifications. Connects a USB device
to a USB port on a computer or hub. Molded in Ferrite Chokes add additional shielding properties for noisy
environments. Backward compatible - can be used with older USB1.1 applications as well. All Tripp Lite USB 2.0
cabling include superior foil shielding for reliable, error-free data communications. The significantly faster data
transfer rates of USB 2.0 (up to 480 Mbps) make them perfect for multimedia applications. Features gold plated
connectors and gold plated copper contacts for superior conductivity. The cable is manufactured with molded
connectors and integral strain relief for extra durability and long life.
Features
USB 2.0 certified
Supports faster data transfer rate (1.5 to 480 Mbps) for low speed and high speed devices including multimedia applications
Premium double-shielded cables with tinned copper braid and aluminum Mylar foil, Ferrite chokes
Gold plated connectors and gold plated copper contacts for superior conductivity.
Molded connectors and integral strain relief for extra durability and long life.
Specifications
OVERVIEW
Cable Type
USB
OUTPUT
USB Charging
No
Highlights
Meets or Exceeds USB 2.0
Specifications
Supports faster data transfer rate
(1.5 to 480 Mbps) for low speed
and high speed devices,
including multimedia applications
Premium double-shielded cables
with tinned copper braid and
aluminum mylar foil and Ferrite
chokes, feature twisted 28AWG
data lines, and 24AWG power
lines.
Gold plated connectors provide
superior conductivity
System Requirements
Any USB device requiring a USB
cable with extra shielding
capabilities
USB2.0 performance only when
used with USB2.0 device and
USB2.0 controller
Package Includes
3 ft. USB 2.0 Gold Cable USB-A
to USB-B with Ferrite Chokes
1 / 2


유사한 부품 번호 - U023003

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
U023006 TRIPPLITE-U023006 Datasheet
472Kb / 2P
   USB 2.0 Hi-Speed A-B Cable with Ferrite Chokes (M-M), 6-ft
More results

유사한 설명 - U023003

제조업체부품명데이터시트상세설명
logo
Tripp Lite. All Rights ...
U023006 TRIPPLITE-U023006 Datasheet
472Kb / 2P
   USB 2.0 Hi-Speed A-B Cable with Ferrite Chokes (M-M), 6-ft
U023-003 TRIPPLITE-U023-003 Datasheet
156Kb / 2P
   USB 2.0 A/B Cable with Ferrite Chokes (M/M), 3-ft.
U021003 TRIPPLITE-U021003 Datasheet
467Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 3-ft
U023-006 TRIPPLITE-U023-006 Datasheet
156Kb / 2P
   USB 2.0 A/B Cable with Ferrite Chokes (M/M), 6-ft.
U022-010-R TRIPPLITE-U022-010-R Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
U022010R TRIPPLITE-U022010R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 10-ft
U022006 TRIPPLITE-U022006 Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022006R TRIPPLITE-U022006R Datasheet
471Kb / 2P
   USB 2.0 Hi-Speed A-B Cable (M-M), 6-ft
U022-006 TRIPPLITE-U022-006 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 6-ft.
U022-010 TRIPPLITE-U022-010 Datasheet
477Kb / 4P
   USB 2.0 Hi-Speed A/B Cable (M/M) 10-ft.
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com