전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD1100C 데이터시트(PDF) 6 Page - International Rectifier

부품명 SD1100C
상세설명  STANDARD RECOVERY DIODES Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

SD1100C 데이터시트(HTML) 6 Page - International Rectifier

  SD1100C Datasheet HTML 1Page - International Rectifier SD1100C Datasheet HTML 2Page - International Rectifier SD1100C Datasheet HTML 3Page - International Rectifier SD1100C Datasheet HTML 4Page - International Rectifier SD1100C Datasheet HTML 5Page - International Rectifier SD1100C Datasheet HTML 6Page - International Rectifier SD1100C Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SD1100C..L Series
Parameter
Units
Conditions
T
J
Max. junction operating temperature range
-40 to 180
-40 to 150
T
stg
Max. storage temperature range
-55 to 200
-55 to 200
R
thJ-hs
Max. thermal resistance, junction
0.11
DC operation single side cooled
to heatsink
0.05
DC operation double side cooled
F
Mounting force, ± 10%
9800
N
(1000)
(Kg)
wt
Approximate weight
250
g
Case style
DO-200AB (B-PUK)
See Outline Table
°C
K/W
SD1100C..L
04 to 20
25 to 32
Ordering Information Table
1
-
Diode
2
-
Essential part number
3
-
0 = Standard recovery
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Ratings table)
6
-
L = Puk Case DO-200AB (B-PUK)
Sinusoidal conduction
Rectangular conduction
Conduction angle
Units
Conditions
Single Side Double Side
Single Side Double Side
180°
0.011
0.011
0.008
0.008
120°
0.014
0.015
0.014
0.014
90°
0.018
0.018
0.019
0.019
60°
0.026
0.026
0.027
0.028
30°
0.045
0.046
0.046
0.046
K/W
T
J
= T
J
max.
1
2
3
4
5
6
Device Code
SD 110
0
C
32
L
∆R
thJ-hs Conduction
(The following table shows the increment of thermal resistence R
thJ-hs
when devices operate at different conduction angles than DC)
Thermal and Mechanical Specifications
To Order
Next Data Sheet
Index
Previous Datasheet


유사한 부품 번호 - SD1100C

제조업체부품명데이터시트상세설명
logo
TRANSYS Electronics Lim...
SD1100C TEL-SD1100C Datasheet
162Kb / 1P
   STANDARD RECOVERY DIODE
logo
International Rectifier
SD1100C04C IRF-SD1100C04C Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD1100C04C VISHAY-SD1100C04C Datasheet
155Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
SD1100C04C VISHAY-SD1100C04C Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
SD1100C04C VISHAY-SD1100C04C_12 Datasheet
168Kb / 8P
   Standard Recovery Diodes (Hockey PUK Version), 1400 A
Revision: 14-May-08
More results

유사한 설명 - SD1100C

제조업체부품명데이터시트상세설명
logo
International Rectifier
SD2500C IRF-SD2500C Datasheet
190Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD6000C IRF-SD6000C Datasheet
174Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1700C IRF-SD1700C Datasheet
252Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1500C IRF-SD1500C Datasheet
219Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD2000C IRF-SD2000C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD800C IRF-SD800C Datasheet
246Kb / 8P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD1100C1111 IRF-SD1100C1111 Datasheet
229Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD3000C IRF-SD3000C Datasheet
171Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD4000C IRF-SD4000C Datasheet
177Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
SD400C IRF-SD400C Datasheet
182Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com