전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD300R 데이터시트(PDF) 5 Page - International Rectifier

부품명 SD300R
상세설명  STANDARD RECOVERY DIODES Stud Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

SD300R 데이터시트(HTML) 5 Page - International Rectifier

  SD300R Datasheet HTML 1Page - International Rectifier SD300R Datasheet HTML 2Page - International Rectifier SD300R Datasheet HTML 3Page - International Rectifier SD300R Datasheet HTML 4Page - International Rectifier SD300R Datasheet HTML 5Page - International Rectifier SD300R Datasheet HTML 6Page - International Rectifier SD300R Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SD300N/R Series
5
www.irf.com
Bulletin I2081 rev. C 03/03
Fig. 3 - Current Ratings Characteristics
Fig. 4 - Current Ratings Characteristics
Fig. 5 - Forward Power Loss Characteristics
80
90
100
110
120
130
140
150
0
100
200
300
400
500
30°
60°
90°
180°
DC
120°
Average Forward Current (A)
Conduc tion Period
SD300N/ RSeries (2500V to 3200V)
R
(DC) = 0.11 K/ W
thJC
90
100
110
120
130
140
150
0
50
100
150
200
250
300
30°
60°
90°
120°
180°
Average Forward Current (A)
Cond uction Angle
R
(DC) = 0.11 K/ W
thJC
SD300N/ RSeries (2500V to 3200V)
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
0.4
K/ W
0.2
K/ W
0.1
K/W
0.6 K/W
0.8 K/ W
2 K/ W
0
100
200
300
400
500
600
700
0
50
100 150 200 250 300 350 400
180°
120°
90°
60°
30°
RMSLimit
Conduc tion Angle
Average Forward Current (A)
SD300N/ RSeries
(1600V to 2000V)
T = 180°C
J
Fig. 6 - Forward Power Loss Characteristics
20
40
60
80
100 120 140 160 180
Maximum Allowable Ambient Temperature (°C)
R
=
0.0
3
K/
W
- D
elt
a
R
0.0
6
K/ W
0.4 K
/ W
0.2
K/W
0.1
K/W
0.6 K/
W
0.8 K/W
2 K/ W
0
100
200
300
400
500
600
700
800
900
0
100
200
300
400
500
600
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
SD300N/ RSeries
(1600V to 2000V)
T = 180°C
J


유사한 부품 번호 - SD300R

제조업체부품명데이터시트상세설명
logo
International Rectifier
SD300 IRF-SD300 Datasheet
208Kb / 7P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Sirectifier Semiconduct...
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
   Discrete Diodes
SD300-01NFB SIRECTIFIER-SD300-01NFB Datasheet
215Kb / 2P
   Discrete Diodes
SD300-01NRB SIRECTIFIER-SD300-01NRB Datasheet
215Kb / 2P
   Discrete Diodes
SD300-02NFB SIRECTIFIER-SD300-02NFB Datasheet
215Kb / 2P
   Discrete Diodes
More results

유사한 설명 - SD300R

제조업체부품명데이터시트상세설명
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com