전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST700C20L1L 데이터시트(PDF) 1 Page - International Rectifier

부품명 ST700C20L1L
상세설명  PHASE CONTROL THYRISTORS Hockey Puk Version
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST700C20L1L 데이터시트(HTML) 1 Page - International Rectifier

  ST700C20L1L Datasheet HTML 1Page - International Rectifier ST700C20L1L Datasheet HTML 2Page - International Rectifier ST700C20L1L Datasheet HTML 3Page - International Rectifier ST700C20L1L Datasheet HTML 4Page - International Rectifier ST700C20L1L Datasheet HTML 5Page - International Rectifier ST700C20L1L Datasheet HTML 6Page - International Rectifier ST700C20L1L Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
910A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST700C..L SERIES
1
Bulletin I25190 rev. D 04/00
www.irf.com
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case TO-200AC (B-PUK)
Typical Applications
DC motor control
Controlled DC power supplies
AC controllers
I
T(AV)
910
A
@ T
hs
55
°C
I
T(RMS)
1857
A
@ T
hs
25
°C
I
TSM
@50Hz
15700
A
@ 60Hz
16400
A
I2t@50Hz
1232
KA2s
@ 60Hz
1125
KA2s
V
DRM
/V
RRM
1200 to 2000
V
t
q
typical
150
µs
T
J
- 40 to 125
°C
Parameters
ST700C..L
Units
Major Ratings and Characteristics
case style TO-200AC (B-PUK)


유사한 부품 번호 - ST700C20L1L

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
ST700C20L1LPBF VISHAY-ST700C20L1LPBF Datasheet
151Kb / 7P
   Phase Control Thyristors (Hockey PUK Version), 910 A
Revision: 11-Aug-08
More results

유사한 설명 - ST700C20L1L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST180C IRF-ST180C Datasheet
196Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C IRF-ST330C Datasheet
208Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C IRF-ST300C Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST300C111 IRF-ST300C111 Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST380CH IRF-ST380CH Datasheet
206Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST2100C IRF-ST2100C Datasheet
168Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST330C11111 IRF-ST330C11111 Datasheet
207Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST780C IRF-ST780C Datasheet
263Kb / 8P
   PHASE CONTROL THYRISTORS Hockey Puk Version
ST230C IRF-ST230C Datasheet
187Kb / 7P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com