전자부품 데이터시트 검색엔진 |
|
ST700C12L2L 데이터시트(PDF) 4 Page - International Rectifier |
|
ST700C12L2L 데이터시트(HTML) 4 Page - International Rectifier |
4 / 7 page ST700C..L Series 4 www.irf.com Bulletin I25190 rev. D 04/00 T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJ-hs Max. thermal resistance, 0.073 DC operation single side cooled junction to heatsink 0.031 DC operation double side cooled R thC-hs Max. thermal resistance, 0.011 DC operation single side cooled case to heatsink 0.006 DC operation double side cooled F Mounting force, ± 10% 14700 N (1500) (Kg) wt Approximate weight 255 g Parameter ST700C..L Units Conditions K/W °C Case style TO - 200AC (B-PUK) See Outline Table K/W Thermal and Mechanical Specification Single Side Double Side Single Side Double Side 180° 0.009 0.009 0.006 0.006 120° 0.011 0.011 0.011 0.011 90° 0.014 0.014 0.015 0.015 K/W T J = TJ max. 60° 0.020 0.020 0.021 0.021 30° 0.036 0.036 0.036 0.036 Sinusoidal conduction Rectangular conduction Conduction angle Units Conditions ∆R thJ-hs Conduction (The following table shows the increment of thermal resistence R thJ-hs when devices operate at different conduction angles than DC) 1 - Thyristor 2 - Essential part number 3 - 0 = Converter grade 4 - C = Ceramic Puk 5 - Voltage code: Code x 100 = V RRM (See Voltage Rating Table) 6 - L = Puk Case TO-200AC (B-PUK) 7 - 0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads) 1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads) 2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads) 3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads) 8 - Critical dv/dt: None = 500V/µsec (Standard selection) L = 1000V/µsec (Special selection) Ordering Information Table Device Code 5 1 2 3 4 ST 70 0 C 20 L 1 7 6 8 |
유사한 부품 번호 - ST700C12L2L |
|
유사한 설명 - ST700C12L2L |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |