전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST180S16M0L 데이터시트(PDF) 9 Page - International Rectifier

부품명 ST180S16M0L
상세설명  PHASE CONTROL THYRISTORS Stud Version
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

ST180S16M0L 데이터시트(HTML) 9 Page - International Rectifier

Back Button ST180S16M0L Datasheet HTML 2Page - International Rectifier ST180S16M0L Datasheet HTML 3Page - International Rectifier ST180S16M0L Datasheet HTML 4Page - International Rectifier ST180S16M0L Datasheet HTML 5Page - International Rectifier ST180S16M0L Datasheet HTML 6Page - International Rectifier ST180S16M0L Datasheet HTML 7Page - International Rectifier ST180S16M0L Datasheet HTML 8Page - International Rectifier ST180S16M0L Datasheet HTML 9Page - International Rectifier ST180S16M0L Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
ST180S Series
23
Fast-on Terminals
Case Style TO-209AB (TO-93)
All dimensions in millimeters (inches)
Outline Table
2
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
+I
C.S. 0.4mm
(0.0006 s.i.)
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
+-
GLASS METAL SEAL
28.5 (1.12) MAX. DIA.
220 (8.66)
10 (0.39)
* FOR METRIC DEVICE : M16 x 1.5 - LENGHT 21 (0.83) MAX.
SW 32
C.S. 25mm 2
(0.039 s.i.)
FLEXIBLE LEAD
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A *
WHITE GATE
2
WHITE SHRINK
RED SHRINK
RED CATHODE
RED SILICON RUBBER
+I
C.S. 0.4mm
(0.0006 s.i.)
+
-
220 (8.66)
10 (0.39)
CERAMIC HOUSING
4.3 (0.17) DIA.
19 (0.75) MAX.
8.5 (0.33) DIA.
* FOR METRIC DEVICE : M16 x 1.5 - LENGHT 21 (0.83) MAX.
C.S. 25mm
2
(0.039 s.i.)
FLEXIBLE LEAD
4 (0.16) MAX.
35 (1.38) MAX.
3/4"-16UNF-2A *
SW 32
27.5 (1.08) MAX. DIA.
WHITE GATE
AMP. 280000-1
REF-250
To Order
Next Data Sheet
Index
Previous Datasheet


유사한 부품 번호 - ST180S16M0L

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
ST180S16 ISC-ST180S16 Datasheet
202Kb / 2P
   Phase Control Thyristors
logo
International Rectifier
ST180S16P0 IRF-ST180S16P0 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
ST180S16P0V IRF-ST180S16P0V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
ST180S16P1 IRF-ST180S16P1 Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
ST180S16P1V IRF-ST180S16P1V Datasheet
102Kb / 8P
   PHASE CONTROL THYRISTORS
More results

유사한 설명 - ST180S16M0L

제조업체부품명데이터시트상세설명
logo
International Rectifier
ST110S IRF-ST110S Datasheet
232Kb / 9P
   PHASE CONTROL THYRISTORS Stud Version
111RKI IRF-111RKI Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
ST280S IRF-ST280S Datasheet
86Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST330S IRF-ST330S Datasheet
223Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
80RIA IRF-80RIA Datasheet
98Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
181RKI IRF-181RKI Datasheet
224Kb / 8P
   PHASE CONTROL THYRISTORS Stud Version
ST230S IRF-ST230S Datasheet
289Kb / 10P
   PHASE CONTROL THYRISTORS Stud Version
logo
Vishay Siliconix
110RKI40PBF VISHAY-110RKI40PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
ST110SPBF VISHAY-ST110SPBF Datasheet
136Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
110RKI40PBF VISHAY-110RKI40PBF_09 Datasheet
153Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 04-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com