전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QT500 데이터시트(PDF) 1 Page - Lumins Inc.

부품명 QT500
부품 상세설명  Cast aluminum mounting plate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMINIS [Lumins Inc.]
홈페이지  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

QT500 데이터시트(HTML) 1 Page - Lumins Inc.

  QT500 Datasheet HTML 1Page - Lumins Inc. QT500 Datasheet HTML 2Page - Lumins Inc. QT500 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
Type:
QUANTITy:
projecT:
cATALog
NUMber:
FIxTUre
WATTAge
VoLTAge
FINISh
opTIoN
opTIoN
opTIoN
opTIoN
MATerIALS
Quanta is made of corrosion resistant 356 aluminum alloy with a copper (CU)
content of less than 0.1%. or 6063-T5 alloy for extruded parts.
LED light engine is assembled with a carefully engineered heat dissipating
chamber designed with a heat sink pattern to optimize luminaire efficacy. The
integral driver is assembled with a sliding plate allowing a quick access.
Quanta 500 series is standard with an R37 37º light beam reflector. A selection
of high performance alternate reflectors with various light distributions are
offered.
r17
17º light beam
r37
37º light beam
r60
60º light beam
FWT
Forward throw
eLecTrIcAL
LED
DrIVer
Standard 0-10V dimming ready. 120/277V multi volt (50-60HZ) with
operating temperatures of -30ºC/-22ºF to 60ºC/140ºF. Output over
voltage. Output over current and output short circuit protection with
auto-recovery.
LeD
Standard 4000ºK LED platform included. Optional 3000ºK &
3500ºK. Removable modular LED platform.
LIFe
51,000hrs L
77B50 (based on IESNA TM-21 Test Method and LM-80 data).
68,000hrs L
70B50 (calculated projection from LM-80 data).
FINISh
Five-stage preparation process including preheating of cast aluminum parts for
air extraction, and an environmentally friendly alloy sealant. Polyester powder
coating is applied through an electrostatic process and oven cured for long
term finish.
MoUNTINg
Maximum weight: 6.9lbs (3.2kg)
Quanta is designed for ease of access and installation.
The luminaire is designed for wall mount as an up or down light.
The mounting plate is designed to fit on a 4” (102) octagonal electrical box
using 3 1/2” (89) C/C mounting holes.
cerTIFIcATIoN
Tested to UL1598 and CSA 22.2 #250. ETL listed wet location.
Photometric testing performed by an independent laboratory in accordance
with IES LM-79-08 standards at 25ºC. Lumen depreciation in accordance with
IESNA LM80 standards. CE certification on request.
Rated IP65.
1
Fullcutoffluminaire
Downlightposition
1
6
5
4
3
2
7
Downlightposition
Uplightposition
QT500
QUANTA - LED
QT500
1- Cast aluminum mounting plate.
2- Removable sealed cast aluminum end
cover, with embedded silicone one
piece molded gasket.
3- Driver sliding tray for ease of access
and maintenance.
4- One piece extruded aluminum housing.
5- LED heat dissipating plate.
6- LED optical light control.
7- Clear tempered sealed lens.
7.3125”
(186)
5.125”
(130)
4.5”
(114)
7.75”
(197)
QT500
LIGHT DISTRIBUTION
ELECTRICAL
ELECTRICAL
MOUNTING


유사한 부품 번호 - QT500

제조업체부품명데이터시트부품 상세설명
Dongguan Xinkang Electronic Technology Co., Ltd.
Dongguan Xinkang Electr...
QT50A03 TNK-QT50A03 Datasheet
110Kb / 1P
   10/100/1000Base-T DUAL Port Transformer Module
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
More results

유사한 설명 - QT500

제조업체부품명데이터시트부품 상세설명
Lumins Inc.
Lumins Inc.
QT600 LUMINIS-QT600 Datasheet
1Mb / 3P
   Cast aluminum mounting plate.
QT700 LUMINIS-QT700 Datasheet
1Mb / 3P
   Cast aluminum mounting plate.
SR515 LUMINIS-SR515 Datasheet
267Kb / 2P
   Sealed cast aluminum wall mounting plate
EC820 LUMINIS-EC820 Datasheet
256Kb / 3P
   Cast aluminum anchor plate
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
   Cast aluminum ventilated top cover with ceiling mounting plate.
CL315 LUMINIS-CL315 Datasheet
134Kb / 2P
   Cast aluminum mounting box
TE Connectivity Ltd
TE Connectivity Ltd
96-3100 TEC-96-3100 Datasheet
753Kb / 2P
   Convenient mounting plate
PHOENIX CONTACT
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
   Mounting plate, short
HARTING Technology Group
HARTING Technology Grou...
09-40-034-9942 HARTING-09-40-034-9942 Datasheet
463Kb / 2P
   mounting hood plate 34HPR
2021-10-01
Glenair, Inc.
Glenair, Inc.
687-305-22 GLENAIR-687-305-22 Datasheet
319Kb / 1P
   Round Internal Mounting Plate
More results


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz