전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QT500 데이터시트(PDF) 3 Page - Lumins Inc.

부품명 QT500
부품 상세설명  Cast aluminum mounting plate.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMINIS [Lumins Inc.]
홈페이지  http://www.luminis.com
Logo LUMINIS - Lumins Inc.

QT500 데이터시트(HTML) 3 Page - Lumins Inc.

  QT500 Datasheet HTML 1Page - Lumins Inc. QT500 Datasheet HTML 2Page - Lumins Inc. QT500 Datasheet HTML 3Page - Lumins Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LUMINIS.COM
Luminaires may be altered for design improvement or discontinued without prior notice.
Unless specified, lamps are not included with luminaires.
Toll free: 866.586.4647 Fax: 514.683.8872
260 Labrosse, Pointe-Claire (QC) Canada H9R 5L5
LUMINIS
3
QT500
QUANTA - LED
1.625” (41 mm)
Ø .312”
(7.9 mm)
2.75”
(70 mm)
3.5”
(89 mm)
A
b
4.75”
(121 mm)
Use holes spaced at
2.75” to ensure luminaire
horizontal position.
Mounting instructions are
applicable to the following
models:
MoUNTINgINSTrUcTIoNS
INSTALLATIoNproceDUre:
notE: Do not energize luminaire until installation is completed.
THIS PRODUCT MUST BE INSTALLED IN ACCORDANCE WITH
APPLICABLE INSTALLATION CODES BY A PERSON FAMILIAR WITH
THE CONSTRUCTION AND OPERATION OF THE PRODUCT AND
HAZARDS INVOLVED.
While installing the luminaire over the adaptor plate
(b) insert excess
wiring into junction box. Secure luminaire in position using set screws.
(c)
1) Install the round universal mounting plate
(A) onto the 4” electrical
junction box, using the 3-1/2” C/C mounting holes.
2) Install the luminaire adaptor plate
(b) over the universal mounting
plate
(A) Important: Make sure that luminaire adaptor plate (b)
is horizontally leveled. Rotate universal mounting plate
(A) if
necessary.
Some luminaires may exceed 25 lbs. and will require additional
mounting hardware to secure mounting plate to the wall surface.
(Mounting screws are not included)


유사한 부품 번호 - QT500

제조업체부품명데이터시트부품 상세설명
Dongguan Xinkang Electronic Technology Co., Ltd.
Dongguan Xinkang Electr...
QT50A03 TNK-QT50A03 Datasheet
110Kb / 1P
   10/100/1000Base-T DUAL Port Transformer Module
Banner Engineering Corp.
Banner Engineering Corp...
QT50R-AF2 BANNER-QT50R-AF2 Datasheet
589Kb / 7P
   R-GAGE짰 QT50R-AF2 Sensor
QT50R-AF2W BANNER-QT50R-AF2W Datasheet
590Kb / 7P
   R-GAGE짰 QT50R-AF2W Sensor
QT50R-AFH BANNER-QT50R-AFH Datasheet
1Mb / 7P
   R-GAGE짰 QT50R-AFH Sensor
QT50R-AFH-FL BANNER-QT50R-AFH-FL Datasheet
351Kb / 6P
   R-GAGE??QT50R-AFH-FL Sensor
More results

유사한 설명 - QT500

제조업체부품명데이터시트부품 상세설명
Lumins Inc.
Lumins Inc.
QT600 LUMINIS-QT600 Datasheet
1Mb / 3P
   Cast aluminum mounting plate.
QT700 LUMINIS-QT700 Datasheet
1Mb / 3P
   Cast aluminum mounting plate.
SR515 LUMINIS-SR515 Datasheet
267Kb / 2P
   Sealed cast aluminum wall mounting plate
EC820 LUMINIS-EC820 Datasheet
256Kb / 3P
   Cast aluminum anchor plate
SY610 LUMINIS-SY610 Datasheet
349Kb / 2P
   Cast aluminum ventilated top cover with ceiling mounting plate.
CL315 LUMINIS-CL315 Datasheet
134Kb / 2P
   Cast aluminum mounting box
TE Connectivity Ltd
TE Connectivity Ltd
96-3100 TEC-96-3100 Datasheet
753Kb / 2P
   Convenient mounting plate
PHOENIX CONTACT
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
   Mounting plate, short
HARTING Technology Group
HARTING Technology Grou...
09-40-034-9942 HARTING-09-40-034-9942 Datasheet
463Kb / 2P
   mounting hood plate 34HPR
2021-10-01
Glenair, Inc.
Glenair, Inc.
687-305-22 GLENAIR-687-305-22 Datasheet
319Kb / 1P
   Round Internal Mounting Plate
More results


Html Pages

1  2  3 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz