전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD203N16S15MSV 데이터시트(PDF) 1 Page - International Rectifier

부품명 SD203N16S15MSV
상세설명  FAST RECOVERY DIODES Stud Version
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

SD203N16S15MSV 데이터시트(HTML) 1 Page - International Rectifier

  SD203N16S15MSV Datasheet HTML 1Page - International Rectifier SD203N16S15MSV Datasheet HTML 2Page - International Rectifier SD203N16S15MSV Datasheet HTML 3Page - International Rectifier SD203N16S15MSV Datasheet HTML 4Page - International Rectifier SD203N16S15MSV Datasheet HTML 5Page - International Rectifier SD203N16S15MSV Datasheet HTML 6Page - International Rectifier SD203N16S15MSV Datasheet HTML 7Page - International Rectifier SD203N16S15MSV Datasheet HTML 8Page - International Rectifier SD203N16S15MSV Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
200A
FAST RECOVERY DIODES
Stud Version
SD203N/R SERIES
1
Bulletin I2064 rev. A 09/94
www.irf.com
Features
High power FAST recovery diode series
1.0 to 2.0 µs recovery time
High voltage ratings up to 2500V
High current capability
Optimized turn on and turn off characteristics
Low forward recovery
Fast and soft reverse recovery
Compression bonded encapsulation
Stud version JEDEC DO-205AB (DO-9)
Maximum junction temperature 125°C
TypicalApplications
Snubber diode for GTO
High voltage free-wheeling diode
Fast recovery rectifier applications
I
F(AV)
200
A
@ T
C
85
°C
I
F(RMS)
314
A
I
FSM
@ 50Hz
4990
A
@ 60Hz
5230
A
I2t@ 50Hz
125
KA2s
@ 60Hz
114
KA2s
V
RRM
range
400 to 2500
V
t
rr
range
1.0 to 2.0
µs
@ T
J
25
°C
T
J
- 40 to 125
°C
Parameters
SD203N/R
Units
Major Ratings and Characteristics
case style
DO-205AB (DO-9)


유사한 부품 번호 - SD203N16S15MSV

제조업체부품명데이터시트상세설명
logo
TRANSYS Electronics Lim...
SD203N16S15 TEL-SD203N16S15 Datasheet
158Kb / 1P
   Super Fast Recovery Rectifier
More results

유사한 설명 - SD203N16S15MSV

제조업체부품명데이터시트상세설명
logo
International Rectifier
SD253N IRF-SD253N Datasheet
139Kb / 7P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
12NSF NAINA-12NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
40-NSFR NAINA-40-NSFR Datasheet
102Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD103N IRF-SD103N Datasheet
129Kb / 9P
   FAST RECOVERY DIODES Stud Version
SD153N IRF-SD153N Datasheet
463Kb / 8P
   FAST RECOVERY DIODES Stud Version
SD233N IRF-SD233N Datasheet
418Kb / 8P
   FAST RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
40NSF NAINA-40NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
16NSF NAINA-16NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
70NSF NAINA-70NSF Datasheet
105Kb / 2P
   Fast Recovery Diodes (Stud Version)
logo
International Rectifier
SD453N IRF-SD453N Datasheet
518Kb / 6P
   FAST RECOVERY DIODES Stud Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com