전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDR728 데이터시트(PDF) 1 Page - KEC(Korea Electronics)

부품명 KDR728
상세설명  SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDR728 데이터시트(HTML) 1 Page - KEC(Korea Electronics)

  KDR728 Datasheet HTML 1Page - KEC(Korea Electronics) KDR728 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2003. 7. 8
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDR728
SCHOTTKY BARRIER TYPE DIODE
Revision No : 3
LOW VOLTAGE HIGH SPEED SWITCHING.
FEATURES
Low Forward Voltage : VF(2)=0.42(Typ.)
Small Package : USC.
MAXIMUM RATING (Ta=25 )
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+_
+_
+_
+_
+_
+_
+_
* : Mounted on a glass epoxy circuit board of 20 20mm,
pad dimension of 4 4mm.
ELECTRICAL CHARACTERISTICS (Ta=25 )
Type Name
Marking
T
U
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
30
V
Reverse Voltage
VR
30
V
Maximum (Peak) Forward Current
IFM
150
mA
Average Forward Current
IO
30
mA
Surge Current (10ms)
IFSM
200
mA
Power Dissipation
PD
200*
mW
Junction Temperature
Tj
125
Storage Temperature Range
Tstg
-55 125
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF(1)
IF=1mA
-
0.3
0.4
V
VF(2)
IF=30mA
-
0.42
0.55
Reverse Current
IR
VR=30V
-
-
300
A
Total Capacitance
CT
VR=1V, f=1MHz
-
6.5
-
pF


유사한 부품 번호 - KDR728

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDR728 KEC-KDR728 Datasheet
21Kb / 1P
   USC PACKAGE
KDR728E KEC-KDR728E Datasheet
386Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR728E KEC-KDR728E Datasheet
362Kb / 1P
   ESC PACKAGE
KDR728E KEC-KDR728E_06 Datasheet
362Kb / 1P
   ESC PACKAGE
KDR728E KEC-KDR728E_15 Datasheet
353Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results

유사한 설명 - KDR728

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KDR377E KEC-KDR377E Datasheet
384Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367 KEC-KDR367 Datasheet
394Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR368 KEC-KDR368 Datasheet
393Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR377 KEC-KDR377 Datasheet
387Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR729 KEC-KDR729 Datasheet
388Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR784 KEC-KDR784 Datasheet
381Kb / 1P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR367E KEC-KDR367E Datasheet
392Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393 KEC-KDR393 Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR393S KEC-KDR393S Datasheet
380Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
KDR357 KEC-KDR357 Datasheet
386Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE(LOW VOLTAGE HIGH SPEED SWITCHING)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com