์ „์ž๋ถ€ํ’ˆ ๋ฐ์ดํ„ฐ์‹œํŠธ ๊ฒ€์ƒ‰์—”์ง„
  Korean  โ–ผ

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

2SC2334 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Renesas Technology Corp

๋ถ€ํ’ˆ๋ช… 2SC2334
์ƒ์„ธ๋‚ด์šฉ  SILICON POWER TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
์ œ์กฐ์‚ฌ  RENESAS [Renesas Technology Corp]
ํ™ˆํŽ˜์ด์ง€  http://www.renesas.com
Logo 

2SC2334 ๋ฐ์ดํ„ฐ์‹œํŠธ(HTML) 4 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
/ 8 page
 4 / 8 page
background image
Data Sheet D14902EJ2V1DS
2
2SC2334
ELECTRICAL CHARACTERISTICS (TA = 25
ยฐC)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VCEO(SUS)
IC = 5.0 A, IB1 = 0.5 A, L = 1 mH
100
V
VCEX(SUS)1
IC = 5.0 A, IB1 =
โˆ’IB2 = 0.5 A,
VBE(OFF) =
โˆ’5.0 V, L = 180
ยตH, clamped
100
V
Collector to emitter voltage
VCEX(SUS)2
IC = 10 A, IB1 = 1.0 A, IB2 =
โˆ’0.5 A,
VBE(OFF) =
โˆ’5.0 V, L = 180
ยตH, clamped
100
V
ICBO
VCB = 100 V, IE = 0 A
10
ยตA
ICER
VCE = 100 V, RBE = 51
โ„ฆ, TA = 125ยฐC
1.0
mA
ICEX1
VCE = 100 V, VBE(OFF) =
โˆ’1.5 V
10
ยตA
Collector cutoff current
ICEX2
VCE = 100 V, VBE(OFF) =
โˆ’1.5 V,
TA = 125
ยฐC
1.0
mA
Emitter cutoff current
IEBO
VEB = 5.0 V, IC = 0 A
10
ยตA
hFE1
VCE = 5.0 V, IC = 0.5 A
Note
40
hFE2
VCE = 5.0 V, IC = 3.0 A
Note
40
200
DC current gain
hFE3
VCE = 5.0 V, IC = 5.0 A
Note
20
Collector saturation voltage
VCE(sat)
IC = 5.0 A, IB = 0.5 A
Note
0.6
V
Base saturation voltage
VBE(sat)
IC = 5.0 A, IB = 0.5 A
Note
1.5
V
Turn-on time
ton
0.5
ยตs
Storage time
tstg
1.5
ยตs
Fall time
tf
IC = 5.0 A, RL = 10
โ„ฆ,
IB1 =
โˆ’IB2 = โˆ’0.5 A, VCC โ‰… 50 V
Refer to the test circuit.
0.5
ยตs
Note
Pulse test PW
โ‰ค 350
ยตs, duty cycle โ‰ค 2%
hFE CLASSIFICATION
Marking
M
L
K
hFE2
40 to 80
60 to 120
100 to 200
SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT
Base current
waveform
Collector current
waveform


Html Pages

1  2  3  4  5  6  7  8 


๋ฐ์ดํ„ฐ์‹œํŠธ Download




๋งํฌ URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET ๊ฐ€ ๊ท€ํ•˜์— ๋„์›€์ด ๋˜์…จ๋‚˜์š”?  [ DONATE ]  

Alldatasheet๋Š”?   |   ๊ด‘๊ณ ๋ฌธ์˜    |   ์šด์˜์ž์—๊ฒŒ ์—ฐ๋ฝํ•˜๊ธฐ   |   ๊ฐœ์ธ์ •๋ณด์ทจ๊ธ‰๋ฐฉ์นจ   |   ์ฆ๊ฒจ์ฐพ๊ธฐ   |   ๋งํฌ๊ตํ™˜   |   ์ œ์กฐ์‚ฌ๋ณ„ ๊ฒ€์ƒ‰
All Rights Reservedยฉ Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn