전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM185-2.5 데이터시트(PDF) 3 Page - Linear Technology

부품명 LM185-2.5
상세설명  Micropower Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LM185-2.5 데이터시트(HTML) 3 Page - Linear Technology

  LM185-2.5 Datasheet HTML 1Page - Linear Technology LM185-2.5 Datasheet HTML 2Page - Linear Technology LM185-2.5 Datasheet HTML 3Page - Linear Technology LM185-2.5 Datasheet HTML 4Page - Linear Technology LM185-2.5 Datasheet HTML 5Page - Linear Technology LM185-2.5 Datasheet HTML 6Page - Linear Technology LM185-2.5 Datasheet HTML 7Page - Linear Technology LM185-2.5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LM185-2.5/
LM285-2.5/LM385-2.5
ELECTRICAL C
C
HARA TERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VZ
Reverse Breakdown Voltage
TA = 25°C, 20µA ≤ IR ≤ 20mA
LM185-2.5/285-2.5
2.462
2.500
2.538
V
LM385-2.5
2.425
2.500 2.575
V
LM385B-2.5 (Note 3)
2.462
2.500 2.538
V
∆VZ
Average Temperature Coefficient
20
µA ≤ IR ≤ 20mA (Note 3)
20
20
ppm/
°C
∆Temp
IMIN
Minimum Operating Current
TMIN ≤ TA ≤ TMAX
q
820
8
20
µA
∆VZ
Reverse Breakdown Voltage
20
µA ≤ IR ≤ 1mA
∆IR
Change With Current
TA = 25°C
1.0
2.0
mV
TMIN ≤ TA ≤ TMAX
q
1.5
2.5
mV
1mA
≤ IR ≤ 20mA
TA = 25°C10
20
mV
TMIN ≤ TA ≤ TMAX
q
20
25
mV
rZ
Reverse Dynamic Impedance
IR = 100µA (Note 4)
TA = 25°C
0.2
0.6
0.4
1.0
TMIN ≤ TA ≤ TMAX
q
1.5
1.5
en
Wide Band Noise (RMS)
10Hz
≤ f ≤ 10kHz, IR = 100µA
120
120
µV
∆VZ
Long Term Stability
TA = 25°C ± 0.1°C, IR = 100µA
20
20
ppm/kHr
∆Time
LM385-2.5/385B-2.5
LM185-2.5/285-2.5
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All specifications are for TA = 25°C unless otherwise noted. For the
LM185-2.5 TMIN = – 55°C and TMAX = 125°C. For LM285-2.5, TMIN = –
40
°C and TMAX = 85°C. For LM385-2.5, TMIN = 0°C and TMAX = 70°C.
Note 3: For very low initial tolerance, consult LT1004 data sheet. The
LT1004 is a low cost, pin for pin substitution device. For guaranteed
temperature coefficient consult the LT1034-2.5 data sheet.
Note 4: Guaranteed but not tested.
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 2)


유사한 부품 번호 - LM185-2.5

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM185-2.5 NSC-LM185-2.5 Datasheet
742Kb / 13P
   Micropower Voltage Reference Diode
logo
Linear Technology
LM185-2.5 LINER-LM185-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
logo
Texas Instruments
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N_13 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results

유사한 설명 - LM185-2.5

제조업체부품명데이터시트상세설명
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-25 ADMOS-AMS3100-25 Datasheet
61Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Intersil Corporation
ISL21010_1112 INTERSIL-ISL21010_1112 Datasheet
1Mb / 20P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100-2.5 ADMOS-AMS3100-2.5_08 Datasheet
64Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
logo
Unisonic Technologies
M385 UTC-M385_11 Datasheet
175Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com