전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA378R37PI 데이터시트(PDF) 5 Page - KEC(Korea Electronics)

부품명 KIA378R37PI
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA378R37PI 데이터시트(HTML) 5 Page - KEC(Korea Electronics)

  KIA378R37PI Datasheet HTML 1Page - KEC(Korea Electronics) KIA378R37PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA378R37PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA378R37PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA378R37PI Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
2001. 6. 28
5/5
KIA378R25PI~KIA378R37PI
Revision No : 1
Fig.7 T - I
JUNCTION TEMPERATURE T ( C)
0
-25
j
q
j
0
25
50
75
100
125
2
4
6
8
10
V
=35V
I =0
IN
O
Fig.8-1 f - RR
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
I =0.5A,ei=0.5V
V =4.2V(KIA378R25)
O
IN
rms
V =5.2V(KIA378R35)
IN
OUTPUT CURRENT I
(A)
V =18V(KIA378R35)
V =7V(KIA378R25)
C
=3.3
µF
0.1
20
IN
IN
ref
rms
Fig.8-2 I - RR
O
O
f=120Hz,ei=0.5V
0.5
1.0
30
40
50
60
70
V =4.7V(KIA378R30)
IN
V =15V(KIA378R33)
IN
V =5.0V(KIA378R33)
IN
V =5.4V(KIA378R37)
IN
V =10V(KIA378R30)
IN
V =21V(KIA378R37)
IN
Fig.6 T - V
JUNCTION TEMPERATURE T ( C)
0
-25
j
I =3A
O
D
j
0
25
50
75
100
125
0.1
0.2
0.3
0.4
0.5
I =2A
O
I =1A
O
I =0.5A
O
Fig.5-1 T - V (KIA378R37)
JUNCTION TEMPERATURE T ( C)
j
o
j
-100
-25
0
25
50
75
100
125
-50
0
50
100
150
V
=5.4V
I =1.5A
IN
O


유사한 부품 번호 - KIA378R37PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA378R33PI KEC-KIA378R33PI Datasheet
507Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R35PI KEC-KIA378R35PI Datasheet
507Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results

유사한 설명 - KIA378R37PI

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA378R05PI KEC-KIA378R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05API KEC-KIA78R05API Datasheet
1Mb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25API KEC-KIA78R25API Datasheet
105Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA278R25PI KEC-KIA278R25PI Datasheet
97Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA278R05PI KEC-KIA278R05PI Datasheet
118Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL 2A OUTPUT LOW DROP VOLTAGE REGULATOR)
KIA78R05PI KEC-KIA78R05PI Datasheet
129Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (4 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78D25F KEC-KIA78D25F Datasheet
402Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (3 TERMINAL LOW DROP OUTPUT VOLTAGE REGULATOR)
KIA78R05F KEC-KIA78R05F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
KIA78R25F KEC-KIA78R25F Datasheet
103Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Unisonic Technologies
378RXX UTC-378RXX Datasheet
225Kb / 8P
   4 TERMINAL 3A OUTPUT LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com