전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA6216H 데이터시트(PDF) 9 Page - KEC(Korea Electronics)

부품명 KIA6216H
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT (15W BTL X 2CH AUDIO POWER AMPLIFIER)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA6216H 데이터시트(HTML) 9 Page - KEC(Korea Electronics)

Back Button KIA6216H Datasheet HTML 2Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 3Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 4Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 5Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 6Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 7Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 8Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 9Page - KEC(Korea Electronics) KIA6216H Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image


유사한 부품 번호 - KIA6216H

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
KIA6210 ETC2-KIA6210 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
KEC(Korea Electronics)
KIA6210AH KEC-KIA6210AH Datasheet
223Kb / 11P
   22W BTL DUAL AUDIO POWER AMPLIFIER
KIA6213S KEC-KIA6213S Datasheet
638Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (AUDIO POWER AMPLIFIER)
logo
List of Unclassifed Man...
KIA6217 ETC2-KIA6217 Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

유사한 설명 - KIA6216H

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA8231L KEC-KIA8231L Datasheet
172Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (42W BTL X 2CH AUDIO POWER IC)
KIA8225H KEC-KIA8225H Datasheet
274Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (45W BTL SINGLE AUDIO POWER AMPLIFIER)
KIA6220H KEC-KIA6220H Datasheet
266Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA6221AH KEC-KIA6221AH Datasheet
282Kb / 13P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
KIA3281H KEC-KIA3281H Datasheet
241Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
KIA6280H KEC-KIA6280H Datasheet
240Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V_10 Datasheet
481Kb / 24P
   Class-D Audio Power Amplifier BTL 15W 횞 2ch
logo
KEC(Korea Electronics)
KIA8260AH KEC-KIA8260AH Datasheet
268Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 40W QUAD BTL AUDIO POWER AMPLIFIER)
KIA8262H KEC-KIA8262H Datasheet
162Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (MAX POWER 43W QUAD BTL AUDIO POWER AMPLIFIER)
logo
Toshiba Semiconductor
TA8210AH TOSHIBA-TA8210AH Datasheet
495Kb / 11P
   20W BTL x 2CH AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com