전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SJ648 데이터시트(PDF) 3 Page - Renesas Technology Corp

부품명 2SJ648
상세설명  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ648 데이터시트(HTML) 3 Page - Renesas Technology Corp

  2SJ648_15 Datasheet HTML 1Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 2Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 3Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 4Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 5Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 6Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 7Page - Renesas Technology Corp 2SJ648_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SJ648
P-CHANNEL MOS FIELD EFFECT TRANSISTOR
FOR SWITCHING
DATA SHEET
Document No. D16597EJ2V0DS00 (2nd edition)
Date Published November 2004 NS CP(K)
Printed in Japan
The mark
shows major revised points.
2003
PACKAGE DRAWING (Unit: mm)
0.3
2
0.2
+0.1
–0
0.5
1: Source
2: Gate
3: Drain
0.5
1.0
1.6 ± 0.1
3
1
0.6
0.75 ± 0.05
0 to 0.1
0.15
+0.1
–0.05
+0.1
–0
DESCRIPTION
The 2SJ648 is a switching device which can be driven directly by a
2.5 V power source.
The 2SJ648 features a low on-state resistance and excellent
switching characteristics, and is suitable for
applications such as
power switch of portable machine and so on.
FEATURES
• 2.5 V drive available
• Low on-state resistance
RDS(on)1 = 1.45
Ω MAX. (VGS = −4.5 V, ID = −0.2 A)
RDS(on)2 = 1.55
Ω MAX. (VGS = −4.0 V, ID = −0.2 A)
RDS(on)3 = 2.98
Ω MAX. (VGS = −2.5 V, ID = −0.15 A)
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ648
SC-75 (USM)
Marking: H1
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−20
V
Gate to Source Voltage (VDS = 0 V)
VGSS
m12
V
Drain Current (DC)
ID(DC)
m0.4
A
Drain Current (pulse)
Note1
ID(pulse)
m1.6
A
Total Power Dissipation
Note2
PT
200
mW
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Notes 1. PW
≤ 10
µs, Duty Cycle ≤ 1%
2. Mounted on ceramic substrate of 300 mm
2 x 0.64 mm.
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD. When
this device actually used, an additional protection circuit is externally required if a voltage exceeding the rated
voltage may be applied to this device.
Caution
This product is electrostatic-sensitive device due to low ESD capability and should be handled with
caution for electrostatic discharge.
VESD = ±100 V TYP. (C = 200 pF, R = 0
Ω, Single pulse)
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain


유사한 부품 번호 - 2SJ648_15

제조업체부품명데이터시트상세설명
logo
NEC
2SJ648 NEC-2SJ648 Datasheet
135Kb / 6P
   MOS FIELD EFFECT TRANSISTOR
logo
Renesas Technology Corp
2SJ648 RENESAS-2SJ648 Datasheet
268Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
2003
More results

유사한 설명 - 2SJ648_15

제조업체부품명데이터시트상세설명
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com