전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KIA75S558F 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KIA75S558F
상세설명  BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE LOW NOISE OPERATIONAL AMPLIFIER)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA75S558F 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KIA75S558F Datasheet HTML 1Page - KEC(Korea Electronics) KIA75S558F Datasheet HTML 2Page - KEC(Korea Electronics) KIA75S558F Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 6. 22
2/3
KIA75S558F
Revision No : 0
V
-IN A
+IN A
OUT A
VEE
CC
EQUIVALENT CIRCUIT
ELECTRICAL CHARACTERISTICS (VCC=15V, VEE=-15V, Ta=25 )
CHARACTERISTIC
SYMBOL
TEST-
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Input Offset Voltage
VIO
-
Rg 10k
-
0.5
6
mV
Input Offset Current
IIO
-
-
-
5
200
nA
Input Bias Current
II
-
-
-
60
500
nA
Common Mode Input Voltage
CMVIN
-
-
12
14
-
V
Maximum Output Voltage
VOM
-
RL=10k
12
14
-
V
VOMR
RL=2k
10
13
-
Source Current
Isource
-
-
27
-
-
mA
Sink Current
Isink
-
-
27
-
-
mA
Voltage Gain (Open Loop)
GV
-
VOUT= 10V, RL=2k
86
100
-
dB
Common Mode Input
Signal Rejection Ratio
CMRR
-
Rg 10k
70
90
-
dB
Supply Voltage Rejection Ratio
SVRR
-
Rg 10k
-
30
150
V/V
Slew Rate
SR
-
GV=1, RL=2k
-
1.0
-
V/ S
Unity Gain Cross Frequency
fT
-
Open Loop
-
3.0
-
MHz
Supply Current
ICC, IEE
-
-
-
2.5
4.0
mA
Equivalent Input Noise Voltage
VNI
-
RS=1k , f=30Hz 30kHz
-
2.5
-
Vrms


유사한 부품 번호 - KIA75S558F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA75S358 KEC-KIA75S358 Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA75S358F KEC-KIA75S358F Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA75S358F KEC-KIA75S358F_15 Datasheet
357Kb / 4P
   BIPOLAR LINEAR INTERGRATED CIRCUIT
KIA75S393F KEC-KIA75S393F Datasheet
79Kb / 3P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE COMPARATOR)
More results

유사한 설명 - KIA75S558F

제조업체부품명데이터시트상세설명
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
KIA4558P KEC-KIA4558P Datasheet
93Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
KIA75S358F KEC-KIA75S358F Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (SINGLE OPERATIONAL AMPLIFIER)
KIA324P KEC-KIA324P Datasheet
81Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (QUAD OPERATIONAL AMPLIFIER)
KIA358P KEC-KIA358P Datasheet
88Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL OPERATIONAL AMPLIFIER)
KIA6259P KEC-KIA6259P Datasheet
93Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW NOISE DUAL PRE-AMPLIFIER)
logo
NTE Electronics
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
logo
KEC(Korea Electronics)
KIA8207K KEC-KIA8207K Datasheet
205Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (LOW FREQUENCY POWER AMPLIFIER)
logo
NTE Electronics
NTE996 NTE-NTE996 Datasheet
23Kb / 3P
   Linear Integrated Circuit Operational Transconductance Amplifier
NTE857M NTE-NTE857M Datasheet
28Kb / 3P
   Integrated Circuit Low-Noise JFET-Input Operational Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com