전자부품 데이터시트 검색엔진 |
|
KIA78M08F 데이터시트(PDF) 3 Page - KEC(Korea Electronics) |
|
KIA78M08F 데이터시트(HTML) 3 Page - KEC(Korea Electronics) |
3 / 8 page 2002. 9. 24 3/8 KIA78M05F KIA78M15F Revision No : 3 ELECTRICAL CHARACTERISTICS KIA78M05F (unless otherwise specified : VIN=10V, IOUT=350mA, CIN=0.33 F, COUT=0.1 F) CHARACTERISTIC SYMBOL TEST CONDITION MIN. TYP. MAX. UNIT Output Voltage VOUT Tj=25 4.8 5.0 5.2 V 5mA IOUT 350mA PD 7.5W, 7.5V VIN 20V 4.75 5.0 5.25 Line Regulation Reg Line 8V VIN 25V, IOUT=200mA - - 50 mV 7.2V VIN 25V, IOUT=200mA - - 100 Load Regulation Reg Load 5mA IOUT 500mA - - 100 mV Quiescent Current IB Tj=25 - 4 6 mA Quiescent Current Change IB 5mA IOUT 350mA - - 0.5 mA 7.5V VIN 25V, IOUT=200mA - - 1.0 mA Output Noise Voltage VNO f=10Hz 100kHz - 40 - V Ripple Rejection R R f=120Hz, 8V VIN 18V IOUT=300mA 62 78 - dB Dropout Voltage VD IOUT=500mA - 2.0 - V Short Circuit Current ISC VIN=35V - 300 - mA Output Voltage Drift VOUT/ T IOUT=5mA, Tj=0 125 - -0.5 - mV/ |
유사한 부품 번호 - KIA78M08F |
|
유사한 설명 - KIA78M08F |